Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF15N65M5 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STF15N65M5
Description  N-channel 650 V, 0.308typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N65M5 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STF15N65M5 Datasheet HTML 5Page - STMicroelectronics STF15N65M5 Datasheet HTML 6Page - STMicroelectronics STF15N65M5 Datasheet HTML 7Page - STMicroelectronics STF15N65M5 Datasheet HTML 8Page - STMicroelectronics STF15N65M5 Datasheet HTML 9Page - STMicroelectronics STF15N65M5 Datasheet HTML 10Page - STMicroelectronics STF15N65M5 Datasheet HTML 11Page - STMicroelectronics STF15N65M5 Datasheet HTML 12Page - STMicroelectronics STF15N65M5 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STF15N65M5, STFI15N65M5, STP15N65M5
Test circuits
Doc ID 022863 Rev 2
9/17
3
Test circuits
Figure 17.
Switching times test circuit for
resistive load
Figure 18.
Gate charge test circuit
Figure 19.
Test circuit for inductive load
switching and diode recovery times
Figure 20.
Unclamped inductive load test
circuit
Figure 21.
Unclamped inductive waveform
Figure 22.
Switching time waveform
AM05540v1
Inductive Load Turn -off
Id
Vgs
Vds
90%Vds
10%Id
90%Vgs
on
td(v)
tc(off)
10%Vds
90%Id
Vgs(I(t))
on
tf(i)
tr(v)
))


Similar Part No. - STF15N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
logo
Inchange Semiconductor ...
STF15N65M5 ISC-STF15N65M5 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STF15N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF31N65M5 STMICROELECTRONICS-STF31N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
STP11NM65N STMICROELECTRONICS-STP11NM65N Datasheet
1Mb / 21P
   N-channel 650 V, 0.425 廓 typ., 11 A MDmesh?줚I Power MOSFET in DPAK, TO-220FP, I짼PAKFP and TO-220 packages
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STB10N65K3 STMICROELECTRONICS-STB10N65K3 Datasheet
1Mb / 21P
   N-channel 650 V, 0.75 廓 typ., 10 A SuperMESH3??Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
August 2013 Rev 4
STW45N65M5 STMICROELECTRONICS-STW45N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
   N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com