Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW0402KZNTA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRCW0402KZNTA
Description  Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0402KZNTA Datasheet(HTML) 1 Page - Vishay Siliconix

  CRCW0402KZNTA Datasheet HTML 1Page - Vishay Siliconix CRCW0402KZNTA Datasheet HTML 2Page - Vishay Siliconix CRCW0402KZNTA Datasheet HTML 3Page - Vishay Siliconix CRCW0402KZNTA Datasheet HTML 4Page - Vishay Siliconix CRCW0402KZNTA Datasheet HTML 5Page - Vishay Siliconix CRCW0402KZNTA Datasheet HTML 6Page - Vishay Siliconix CRCW0402KZNTA Datasheet HTML 7Page - Vishay Siliconix CRCW0402KZNTA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.vishay.com
For technical questions, contact: thickfilmchip@vishay.com
Document Number: 20008
118
Revision: 18-Nov-10
D/CRCW
Vishay
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
FEATURES
• Stability ΔR/R = 1 % for 1000 h at 70 °C
• Lead (Pb)-bearing termination plating on Ni barrier layer
• Metal glaze on high quality ceramic
• Halogen-free according to IEC 61249-2-21 definiton
• AEC-Q200 qualified, rev. C compliant
Notes
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
• Marking: See datasheet “Surface Mount Resistor Marking” (document number 20020).
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RATED DISSIPATION
P70
W
LIMITING
ELEMENT
VOLTAGE
Umax. AC/DC
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
Ω
SERIES
INCH
METRIC
D10/CRCW0402
0402 RR 1005M
0.063
50
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor:
Rmax. = 20 m
Ω, Imax. = 1.5 A
D11/CRCW0603
0603 RR 1608M
0.10
75
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor:
Rmax. = 20 m
Ω, Imax. = 2.0 A
D12/CRCW0805
0805 RR 2012M
0.125
150
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor:
Rmax. = 20 m
Ω, Imax. = 2.5 A
D25/CRCW1206
1206 RR 3216M
0.25
200
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor:
Rmax. = 20 m
Ω, Imax. = 3.5 A
CRCW1210
1210 RR 3225M
0.50
200
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor:
Rmax. = 20 m
Ω, Imax. = 5.0 A
CRCW1218
1218 RR 3246M
1.0
200
± 100
± 200
± 1
± 5
1R0 to 2M2
E24; E96
E24
Zero-Ohm-Resistor:
Rmax. = 20 m
Ω, Imax. = 7.0 A
CRCW2010
2010 RR 5025M
0.75
400
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor:
Rmax. = 20 m
Ω, Imax. = 6.0 A
CRCW2512
2512 RR 6332M
1.0
500
± 100
± 200
± 1
± 5
1R0 to 10M
E24; E96
E24
Zero-Ohm-Resistor:
Rmax. = 20 m
Ω, Imax. = 7.0 A


Similar Part No. - CRCW0402KZNTA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0402KZNTA VISHAY-CRCW0402KZNTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0402KZNTA VISHAY-CRCW0402KZNTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0402KZNTA VISHAY-CRCW0402KZNTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results

Similar Description - CRCW0402KZNTA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW060386K6FKEA VISHAY-CRCW060386K6FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120682K5FKEA VISHAY-CRCW120682K5FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0402475RFKED VISHAY-CRCW0402475RFKED Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW080547R0FKEA VISHAY-CRCW080547R0FKEA Datasheet
136Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805562RFKTA VISHAY-CRCW0805562RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0603680RFKTA VISHAY-CRCW0603680RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0603100RFKTA VISHAY-CRCW0603100RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW08050000ZSTA VISHAY-CRCW08050000ZSTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120675K0FKEA VISHAY-CRCW120675K0FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW25122K40JNEG VISHAY-CRCW25122K40JNEG Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805499KFKEA VISHAY-CRCW0805499KFKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com