Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GR315E1X0ER50 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # GR315E1X0ER50
Description  Chip Monolithic Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GR315E1X0ER50 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  GR315E1X0ER50 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GR315E1X0ER50 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GR315E1X0ER50 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GR315E1X0ER50 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GR315E1X0ER50 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
■ Capacitance - Temperature Characteristics
■ Capacitance Change - Aging
Measuring condition : 1kHz
Measuring condition : 1kHz
■ Capacitance - DC Voltage Characteristics
■ Capacitance - AC Voltage Characteristics
Measuring condition : 1kHz
Measuring condition : 1kHz
■ Impedance/ESR - Frequency Characteristics
The data herein are given in typical values, not guaranteed ratings.
GRM Series Data
-100
-80
-60
-40
-20
0
20
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
DC Voltage (VDC)
0.001
0.01
0.1
1
10
100
1
10
100
Frequency (MHz)
-100
-80
-60
-40
-20
0
20
40
-75
-50
-25
0
25
50
75
100
125
150
Temperature (℃)
No Bias
-40
-30
-20
-10
0
10
20
10
100
1000
10000
Time (Hr)
ΔC
B1,R
Δ
B3
-100
-80
-60
-40
-20
0
20
40
0.0
0.5
1.0
1.5
2.0
2.5
AC Voltage (Vr.m.s.)
0.15uF
0.22uF


Similar Part No. - GR315E1X0ER50

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GR315 MALLORY-GR315 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Murata Manufacturing Co...
GR3152B11H102KA01D MURATA-GR3152B11H102KA01D Datasheet
95Kb / 5P
   Chip Monolithic Ceramic Capacitors
GR3153B11H102KA01D MURATA-GR3153B11H102KA01D Datasheet
95Kb / 5P
   Chip Monolithic Ceramic Capacitors
GR3155B11H102KA01D MURATA-GR3155B11H102KA01D Datasheet
95Kb / 5P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GR315E1X0ER50

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com