Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2D150A Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP2D150A
Description  Factory set trigger point: 15째
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2D150A Datasheet(HTML) 5 Page - Sharp Corporation

  GP2D150A Datasheet HTML 1Page - Sharp Corporation GP2D150A Datasheet HTML 2Page - Sharp Corporation GP2D150A Datasheet HTML 3Page - Sharp Corporation GP2D150A Datasheet HTML 4Page - Sharp Corporation GP2D150A Datasheet HTML 5Page - Sharp Corporation GP2D150A Datasheet HTML 6Page - Sharp Corporation GP2D150A Datasheet HTML 7Page - Sharp Corporation GP2D150A Datasheet HTML 8Page - Sharp Corporation GP2D150A Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GP2D150A
5
Data Sheet
PACKAGE SPECIFICATIONS
φ3.2 HOLE
φ3.2 HOLE
STAMP
R3.75
LIGHT
DETECTOR
SIDE
R3.75
PCB
CONNECTOR
LIGHT
EMITTER
SIDE
STAMP EXAMPLE
GP2D150A 5 3
Month (1 to 9, X, Y, Z)
Year (2005 = 5)
Model Name
10.1
3.75
37.0
2.0
6.3
LENS
CASE
29.5
19.7 ±0.1 (Note 1)
4.5 (Note 1)
14.75
7.5
16.3
4.15
1.2
3.3
1
3
2
NOTES:
1. Dimensions reference lens center.
2. Unspecified tolerances are ±0.3 mm.
3. Dimensions are in mm.
GP2D150A-1
MATERIAL
Lens: Acrylic acid resin
(Visible light cut-off resin)
Case: Carbonic ABS
(Electro-conductive resin)
PCB: Paper phenol
1VO
Connector: J.S.T. Trading Company, LTD
S3B-PH
VCC
GND
2
3
SIGNAL NAME
PIN
CONNECTOR SIGNAL


Similar Part No. - GP2D150A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D150A SHARP-GP2D150A Datasheet
47Kb / 4P
   General Purpose Distance Measuring Sensor
More results

Similar Description - GP2D150A

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
52500 MICROPAC-52500 Datasheet
146Kb / 2P
   HEATER, 18V, 9W, FACTORY SET TEMPERATURE
logo
Ledil, Inc.
CP13072 LEDIL-CP13072 Datasheet
2Mb / 5P
   ~15째 15째 rectangular beam
logo
Toshiba Semiconductor
TMPA8893CRCNG7D65 TOSHIBA-TMPA8893CRCNG7D65 Datasheet
407Kb / 18P
   8893CRCNG7D65 Factory Factory Factory Factory adjust manual
logo
Molex Electronics Ltd.
1301370213 MOLEX11-1301370213 Datasheet
34Kb / 1P
   Super-Safeway Factory-Wired, 3-Phase Stringer Set, 2-Sided
1301370214 MOLEX11-1301370214 Datasheet
34Kb / 1P
   Super-Safeway Factory-Wired, 3-Phase Stringer Set, 2-Sided
logo
Ledil, Inc.
C12607 LEDIL-C12607 Datasheet
7Mb / 7P
   ~15째 spot beam
C16899 LEDIL-C16899 Datasheet
2Mb / 5P
   ~15째 spot beam
C16907 LEDIL-C16907 Datasheet
2Mb / 5P
   ~15째 spot beam
C17246 LEDIL-C17246 Datasheet
1Mb / 5P
   ~15째 spot beam
C12476 LEDIL-C12476 Datasheet
12Mb / 24P
   ~15째 spot beam
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com