Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2D150A Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP2D150A
Description  Factory set trigger point: 15째
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2D150A Datasheet(HTML) 6 Page - Sharp Corporation

  GP2D150A Datasheet HTML 1Page - Sharp Corporation GP2D150A Datasheet HTML 2Page - Sharp Corporation GP2D150A Datasheet HTML 3Page - Sharp Corporation GP2D150A Datasheet HTML 4Page - Sharp Corporation GP2D150A Datasheet HTML 5Page - Sharp Corporation GP2D150A Datasheet HTML 6Page - Sharp Corporation GP2D150A Datasheet HTML 7Page - Sharp Corporation GP2D150A Datasheet HTML 8Page - Sharp Corporation GP2D150A Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GP2D150A
6
Data Sheet
PACKING SPECIFICATION
TRAY
PACKING METHOD
1. Each tray holds 50 pieces. Packing methods are shown in (A).
2. Each box holds 10 trays. Pads are added to top and bottom, and between layers, as in (B).
top and bottom. Put pads between each tray (9 pads total) see above drawing (B).
3. The box is sealed with packing tape. (C) shows the location of the Model number, Quantity, and Inspection date.
4. Package weight: Approximately 4 kg.
MODEL NUMBER
PACKING TAPE
PRODUCT TRAYS
(10-TRAY/CASE
)
PRODUCT
PAD (CORRUGATED
CARDBOARD)
(9 SHEETS/CASE
BETWEEN TRAYS)
PAD (CORRUGATED CARDBOARD)
(2 SHEETS/CASE: TOP AND BOTTOM)
PACKING CASE
QUANTITY
DATE
2
3
4
1
5
(A)
(B)
(C)
PART NAME
Packing case
Corrugated cardboard
Pad
Corrugated cardboard
Tray
Polystyrene
MATERIAL
GP2D150A-8


Similar Part No. - GP2D150A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D150A SHARP-GP2D150A Datasheet
47Kb / 4P
   General Purpose Distance Measuring Sensor
More results

Similar Description - GP2D150A

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
52500 MICROPAC-52500 Datasheet
146Kb / 2P
   HEATER, 18V, 9W, FACTORY SET TEMPERATURE
logo
Ledil, Inc.
CP13072 LEDIL-CP13072 Datasheet
2Mb / 5P
   ~15째 15째 rectangular beam
logo
Toshiba Semiconductor
TMPA8893CRCNG7D65 TOSHIBA-TMPA8893CRCNG7D65 Datasheet
407Kb / 18P
   8893CRCNG7D65 Factory Factory Factory Factory adjust manual
logo
Molex Electronics Ltd.
1301370213 MOLEX11-1301370213 Datasheet
34Kb / 1P
   Super-Safeway Factory-Wired, 3-Phase Stringer Set, 2-Sided
1301370214 MOLEX11-1301370214 Datasheet
34Kb / 1P
   Super-Safeway Factory-Wired, 3-Phase Stringer Set, 2-Sided
logo
Ledil, Inc.
C12607 LEDIL-C12607 Datasheet
7Mb / 7P
   ~15째 spot beam
C16899 LEDIL-C16899 Datasheet
2Mb / 5P
   ~15째 spot beam
C16907 LEDIL-C16907 Datasheet
2Mb / 5P
   ~15째 spot beam
C17246 LEDIL-C17246 Datasheet
1Mb / 5P
   ~15째 spot beam
C12476 LEDIL-C12476 Datasheet
12Mb / 24P
   ~15째 spot beam
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com