Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S102S01 Datasheet(PDF) 8 Page - Sharp Corporation

Part # S102S01
Description  IT(rms)??A, Non-Zero Cross type SIP 4pin Triac output SSR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S102S01 Datasheet(HTML) 8 Page - Sharp Corporation

Back Button S102S01 Datasheet HTML 4Page - Sharp Corporation S102S01 Datasheet HTML 5Page - Sharp Corporation S102S01 Datasheet HTML 6Page - Sharp Corporation S102S01 Datasheet HTML 7Page - Sharp Corporation S102S01 Datasheet HTML 8Page - Sharp Corporation S102S01 Datasheet HTML 9Page - Sharp Corporation S102S01 Datasheet HTML 10Page - Sharp Corporation S102S01 Datasheet HTML 11Page - Sharp Corporation S102S01 Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
S102S01 Series
S202S01 Series
■ Design Considerations
In order for the SSR to turn off, the triggering current (lF) must be 0.1mA or less.
In phase control applications or where the SSR is being by a pulse signal, please ensure that the pulse width
is a minimum of 1ms.
When the input current (IF) is below 0.1mA, the output Triac will be in the open circuit mode. However, if the
voltage across the Triac, VD, increases faster than rated dV/dt, the Triac may turn on. To avoid this situation,
please incorporate a snubber circuit. Due to the many different types of load that can be driven, we can
merely recommend some circuit vales to start with : Cs=0.022µF and Rs=47Ω. The operation of the SSR
and snubber circuit should be tested and if unintentional switching occurs, please adjust the snubber circuit
component values accordingly.
When making the transition from On to Off state, a snubber circuit should be used ensure that sudden drops
in current are not accompanied by large instantaneous changes in voltage across the Triac.
This fast change in voltage is brought about by the phase difference between current and voltage.
Primarily, this is experienced in driving loads which are inductive such as motors and solenoids.
Following the procedure outlined above should provide sufficient results.
Any snubber or Varistor used for the above mentioned scenarios should be located as close to the main out-
put triac as possible.
The load current should be within the bounds of derating curve. (Refer to Fig.2)
Also, please use the optional heat sink when necessary.
In case the optional heat sink is used and the isolation voltage between the device and the optional heat sink
is needed, please locate the insulation sheet between the device and the heat sink.
When the optional heat sink is equipped, please set up the M3 screw-fastening torque at 0.3 to 0.5N•m.
In order to dissipate the heat generated from the inside of device effectively, please follow the below sugges-
tions.
(a) Make sure there are no warps or bumps on the heat sink, insulation sheet and device surface.
(b) Make sure there are no metal dusts or burrs attached onto the heat sink, insulation sheet and device sur-
face.
(c) Make sure silicone grease is evenly spread out on the heat sink, insulation sheet and device surface.
● Design guide
Sheet No.: D4-A02301EN
Recommended Operating Conditions
Parameter
S102S01
S202S01
Symbol
Unit
Input
Output
Input signal current at ON state
Input signal current at OFF state
Load supply voltage
Load supply current
Frequency
Operating temperature
IF(ON)
IF(OFF)
VOUT(rms)
IOUT(rms)
f
Topr
mA
mA
V
mA
Hz
˚C
Locate snubber circuit between output terminals
(Cs
=0.022µF, Rs=47Ω)
Conditions
() See Fig.2 about derating curve (IT(rms) vs. ambient temperature).
16
0
80
80
0.1
47
−20
24
0.1
120
240
IT(rms)
×80%()
63
80
MIN.
MAX.


Similar Part No. - S102S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
More results

Similar Description - S102S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S208T02F SHARP-S208T02F Datasheet
245Kb / 13P
   IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
S116S02 SHARP-S116S02 Datasheet
238Kb / 13P
   IT(rms)??6A, Zero Cross type SIP 4pin Triac output SSR
S208T01F SHARP-S208T01F Datasheet
245Kb / 13P
   IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
S202TY2 SHARP-S202TY2 Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
S202S12F SHARP-S202S12F Datasheet
250Kb / 13P
   IT(rms)??A, Built-in snubber circuit Zero Cross type SIP 4pin Triac output SSR
PR26MF11NIP SHARP-PR26MF11NIP Datasheet
317Kb / 15P
   IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
   Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
   IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com