Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608C0G1E103J080AA Datasheet(PDF) 6 Page - TDK Electronics

Part # C1608C0G1E103J080AA
Description  TDK introduces a new global catalog part number for its Multilayer Ceramic Capacitor products
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1608C0G1E103J080AA Datasheet(HTML) 6 Page - TDK Electronics

  C1608C0G1E103J080AA Datasheet HTML 1Page - TDK Electronics C1608C0G1E103J080AA Datasheet HTML 2Page - TDK Electronics C1608C0G1E103J080AA Datasheet HTML 3Page - TDK Electronics C1608C0G1E103J080AA Datasheet HTML 4Page - TDK Electronics C1608C0G1E103J080AA Datasheet HTML 5Page - TDK Electronics C1608C0G1E103J080AA Datasheet HTML 6Page - TDK Electronics C1608C0G1E103J080AA Datasheet HTML 7Page - TDK Electronics C1608C0G1E103J080AA Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
3) New TDK Part Number Nomenclature – (CER -> YNA Series only)
CER Series will now be referred to as the YNA Series: (Example)
CERB2MX5R0G105M
YNA18B2M0G105M
1) Series Name
YNA: Controlled ESR Noise Absorber
2) Case Size Code
15: 0402(1005), 18: 0603(1608), 21: 0805(2012), 31: 1206(3216)
3) Product Type
A: Std 2 Terminals Type
B: 3 Terminals Type
C: Reverse Geometry Type
4) ESR Value
1
st Digit: ESR Multiplier: 1: 10, 2: 100, 3: 1000
2
nd Digit: ESR Significant Figure: A:1.0, B:1.5, C:2.0, D:2.5, E:3.0, F:3.5, G:4.0,
H:4.5, J:5.0, K:5.5, L:6.0, M:6.5, N:7.0, P:7.5, Q:8.0, R:8.5, S:9.0, T:9.5
5) Rated Voltage Code
0G: 4V, 0J: 6.3V, 1A: 10V, 1C: 16V
6) Nominal Capacitance (pF)
The capacitance is expressed in three digit codes and in units of pico Farads
(pF). The first and second digits identify the first and second significant
figures of the capacitance. The third digit identifies the multiplier. R
designates a decimal point.
Ex. 105 = 1,000,000pF = 1,000nF = 1μF
7) Capacitance Tolerance
K: ±10%, M: ±20%, S: +50%,-20%
YNA ● 18 ● B ● 2M ● 0G ● 105 ● M
(1)
(2) (3)
(4)
(5)
(6)
(7)


Similar Part No. - C1608C0G1E103J080AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608C0G1E103J080AA TDK-C1608C0G1E103J080AA Datasheet
1Mb / 7P
   C Series Commercial Grade High Voltage (1000V and over)
C1608C0G1E103J080AA TDK-C1608C0G1E103J080AA Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1608C0G1E103J080AA TDK-C1608C0G1E103J080AA Datasheet
1Mb / 11P
   CGJ Series High Reliability Grade General (Up to 50V)
C1608C0G1E103J080AA TDK-C1608C0G1E103J080AA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1608C0G1E103J080AA TDK-C1608C0G1E103J080AA Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
More results

Similar Description - C1608C0G1E103J080AA

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
YC248-JR-0733RL YAGEO-YC248-JR-0733RL Datasheet
428Kb / 8P
   ORDERING INFORMATION - GLOBAL PART NUMBER
RC0603FR YAGEO-RC0603FR Datasheet
497Kb / 9P
   ORDERING INFORMATION - GLOBAL PART NUMBER 12NC
YC124-JR-070RL YAGEO-YC124-JR-070RL Datasheet
444Kb / 9P
   ORDERING INFORMATION - GLOBAL PART NUMBER 12NC
logo
List of Unclassifed Man...
GNR20D201KA ETC1-GNR20D201KA Datasheet
171Kb / 6P
   Catalog number system
logo
TDK Electronics
C1608X7S2A104MT TDK-C1608X7S2A104MT Datasheet
104Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C5750X7S2A106MT TDK-C5750X7S2A106MT Datasheet
104Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C1005X7S2A103MT TDK-C1005X7S2A103MT Datasheet
105Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C1608X7S2A104KT TDK-C1608X7S2A104KT Datasheet
104Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C4532X7S2A475MT TDK-C4532X7S2A475MT Datasheet
105Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
C1005X7S2A103KT TDK-C1005X7S2A103KT Datasheet
105Kb / 1P
   SPECIFICATION FOR TDK MULTILAYER CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com