Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28134IBZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL28134IBZ
Description  5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28134IBZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28134IBZ Datasheet HTML 7Page - Intersil Corporation ISL28134IBZ Datasheet HTML 8Page - Intersil Corporation ISL28134IBZ Datasheet HTML 9Page - Intersil Corporation ISL28134IBZ Datasheet HTML 10Page - Intersil Corporation ISL28134IBZ Datasheet HTML 11Page - Intersil Corporation ISL28134IBZ Datasheet HTML 12Page - Intersil Corporation ISL28134IBZ Datasheet HTML 13Page - Intersil Corporation ISL28134IBZ Datasheet HTML 14Page - Intersil Corporation ISL28134IBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ISL28134
11
FN6957.3
December 22, 2011
FIGURE 25. OPEN LOOP GAIN AND PHASE, RL = 10k
FIGURE 26. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
FIGURE 27. GAIN vs FREQUENCY vs RL, VS = 2.5V
FIGURE 28. GAIN vs FREQUENCY vs RL, VS = 5.0V
FIGURE 29. GAIN vs FREQUENCY vs FEEDBACK RESISTOR VALUES
Rf/Rg
FIGURE 30. GAIN vs FREQUENCY vs VOUT
Typical Performance Curves T
A = +25°C, VCM = 0V Unless otherwise specified. (Continued)
0
20
40
60
80
100
120
140
-20
Vs = ±2.5V
SIMULATION
RL = 10kΩ
GAIN
PHASE
0.1
1
10
100
1k
10k
1M
FREQUENCY (Hz)
100k
10M 100M
0
10
20
30
40
50
60
70
10
100
1k
10k
100k
1M
100M
FREQUENCY (Hz)
10M
80
90
-10
-20
-30
-40
AV = 1000
AV = 10,000
AV = 100
AV = 10
AV = 1
Rg = OPEN, Rf = 0
Rg = 10k, Rf = 100k
Rg = 1k, Rf = 100k
Rg = 100, Rf = 100k
Rg = 10, Rf = 100k
Vs = ± 2.5V
VOUT = 10mVP-P
CL = 3.7pF
RL = 100k
FREQUENCY (Hz)
10k
100k
1M
10M
-6
-4
-2
0
2
-8
Vs = ± 1.25V
VOUT = 10mVP-P
AV = 1V
CL = 3.7pF
-7
-5
-3
1
1
RL > 10kΩ
RL = 1kΩ
-6
-4
-2
0
2
4
-8
-10
FREQUENCY (Hz)
100k
1M
10M
100M
Vs = ± 2.5V
VOUT = 10mVP-P
AV = 1V
CL = 3.7pF
RL = 1kΩ
RL > 10kΩ
-10
-5
0
5
10
15
100
1k
10k
100k
1M
100M
FREQUENCY (Hz)
10M
Vs = ± 2.5V
VOUT = 10mVP-P
AV = 2V
RL = 100k
Rg = 100k, Rf = 100k
Rg = 10k, Rf = 10k
Rg = 1k, Rf = 1k
10
100
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
-6
-4
-2
0
2
-8
-10
Vs = ± 2.5V
CL = 3.7pF
AV = 1V
RL = OPEN
1VP-P
500mVP-P
250mVP-P
100mVP-P
10mVP-P


Similar Part No. - ISL28134IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
October 14, 2014
logo
Renesas Technology Corp
ISL28134IBZ RENESAS-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
More results

Similar Description - ISL28134IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 20P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
October 14, 2014
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com