Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5150 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P5150
Description  Passive High-voltage Probes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P5150 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P5150 Datasheet HTML 1Page - List of Unclassifed Manufacturers P5150 Datasheet HTML 2Page - List of Unclassifed Manufacturers P5150 Datasheet HTML 3Page - List of Unclassifed Manufacturers P5150 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Applications
Power Supply Design
Design Motor Drive
Electronic Ballast
Power Semiconductors
Switch Mode Control
UPS Systems
Power Converters
*1 The P5122 probe should not be used on the TPS2000 Series oscilloscopes for AC-coupled measurements
on signals with greater than 300 V DC offset. The P5150 is the recommended probe for measuring ripple
on high-voltage DC supplies.
P5100A High-voltage Probe
The P5100A is a low input capacitance high-voltage probe (2.5 kV)
designed for higher-frequency applications. The probe can be compensated
to match plug-ins and oscilloscopes with nominal input capacitances of
7-30 pF. A variety of screw-on accessories provide easy connection to the
device-under-test.
TPP0850 High-voltage Probe
The TPP0850 offers the industry’s highest bandwidth probe (800 MHz)
for high-voltage signals (up to 2500 Vp-p). This is ideal for testing power
semiconductors and switch-mode power supplies, which continue to
increase in switching speed to minimize power loss, creating a need
for faster rise time, higher bandwidth, and higher voltage probes. The
TPP0850 meets this need and can be used with switching transistor circuits
operating at 1200 VRMS, above the voltage operating range of standard
general-purpose probes. It will also be able to accommodate emerging
power applications that will require even faster rise time capabilities.
P5150 and P5122 IsolatedChannel™
Applications
In many applications, it is important to be able to isolate the measurement
from earth ground and also to isolate the common voltage between
TPP0850
channels. The P5150 or P5122, coupled with the TPS2000 and
THS3000 Series digital storage oscilloscopes, deliver both the isolation
for the measurement from earth ground and full isolation between the
channels. The P5150 is the recommended probe for measuring ripple on
high-voltage DC supplies. The P5122 probe should not be used on the
TPS2000 Series oscilloscopes for AC-coupled measurements on signals
with greater than 300 V DC offset.
P6015A High-voltage Probe
For heavy-duty high-performance measurements of voltages over 2.5 kV,
the P6015A is the industry standard. You can measure DC voltages up
to 20 kVRMS and pulses up to 40 kV (peak, 100 ms duration). The 75 MHz
bandwidth enables you to capture fast, high-voltage signals.
The P6015A uses an environmentally safe silicone compound for a
dielectric and never needs refilling. Other features include: A 7-49 pF
compensation range, small compensation box that fits on adjacent amplifier
inputs, and a readout option for use with most Tektronix digital scopes. With
the readout option, displayed voltage amplitude values will be the actual
signal value rather than understated by a factor of 1,000.
Note: Using the readout version with other than Tektronix digital scopes
may result in an erroneous readout display.
2 www.tektronix.com


Similar Part No. - P5150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P5150 ETC2-P5150 Datasheet
343Kb / 2P
   The probe includes the accessories shown below.
logo
TEKTRONIX, INC.
P5150 TEKTRONIX-P5150 Datasheet
815Kb / 14P
   Digital Storage Oscilloscopes
P5150 TEKTRONIX-P5150 Datasheet
207Kb / 6P
   Passive High Voltage Probes
logo
PFC Device Inc.
P5150A PFC-P5150A Datasheet
693Kb / 5P
   5A 150V MOS Schottky Rectifier
logo
Moxa Inc.
P5150A MOXA-P5150A Datasheet
1Mb / 5P
   1-port RS-232/422/485 PoE serial device servers
More results

Similar Description - P5150

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P5100A TEKTRONIX-P5100A Datasheet
207Kb / 6P
   Passive High Voltage Probes
P3010 TEKTRONIX-P3010 Datasheet
1Mb / 4P
   Passive Voltage Probes
logo
List of Unclassifed Man...
MF312 ETC2-MF312 Datasheet
66Kb / 1P
   Passive Modulartaskopfe/ Passive Modular Probes
logo
TEKTRONIX, INC.
P6139B TEKTRONIX-P6139B Datasheet
810Kb / 4P
   500 MHz Passive Probes
logo
List of Unclassifed Man...
P6139B ETC2-P6139B Datasheet
818Kb / 4P
   500 MHz Passive Probes
TMDP0200 ETC2-TMDP0200 Datasheet
338Kb / 6P
   High-voltage Differential Probes
logo
Pomona Electronics
73040 POMONA-73040 Datasheet
87Kb / 1P
   Accessory Kit for Modular & Microline Passive Oscilloscope Probes
logo
Amphenol Corporation
HTP60 AMPHENOL-HTP60 Datasheet
54Kb / 4P
   High Temperature Probes
logo
Teledyne Technologies I...
PK1-5MM-102 TELEDYNE-PK1-5MM-102 Datasheet
3Mb / 1P
   Probe Accessory Diagram for PP005A, PP009 and PP011 Passive Probes
PK1-5MM-103 TELEDYNE-PK1-5MM-103 Datasheet
3Mb / 1P
   Probe Accessory Diagram for PP005A, PP009 and PP011 Passive Probes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com