Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC0524P Datasheet(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SRC0524P
Description  Ultra Low Capacitance ESD Protection Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SRC0524P Datasheet(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  SRC0524P Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SRC0524P Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SRC0524P Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
Email:sales@semitech.cn
Tel:+86-21-64605419
Fax:+86-21-64606443
SRC0524P
Ultra Low Capacitance ESD Protection Array
Description
The ESD0524P provides a typical line to line capacitance of 0.5pF between I/O pins and low insertion
loss up to 3GHz providing greater signal integrity making it ideally suited for HDMI applications, such as Digital
TVs, DVD players, Computing, set-top boxes and MDDI applications in mobile computing devices.
This series has been specifically designed to protect sensitive components which are connected to
high-speed data and transmission lines from overvoltage caused by ESD(electrostatic discharge), CDE (Cable
Discharge Events),and EFT (electrical fast transients).
Features
Protects two or four I/O lines
Low capacitance: 0.5pF Typical between I/O channel
Low leakage current
5V operating voltage
Response time < 1ns
Solid-state silicon avalanche technology
Device meets MSL 1 requirements
RoHS compliant
Applications
High Definition Multi-Media Interface (HDMI)
Digital Visual Interface (DVI)
USB 1.1/2.0/3.0/OTG
IEEE 1394 Firewire Ports
Notebooks & Handhelds
Projection TV & Monitors
Set-top box
Flat Panel Displays
PCI Express
Mechanical Characteristics
DFN2510 package
Flammability Rating: UL 94V-0
Terminal: Matte tin plated.
Packaging: Tape and Reel
High temperature soldering guaranted:260℃/10s
Reel size: 7 inch
WWW.SEMITECH.CN


Similar Part No. - SRC0524P

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
SRC0524P SEMITECH-SRC0524P Datasheet
134Kb / 3P
   Ultra LowCapacitance ESD Protection Array
More results

Similar Description - SRC0524P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
   Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A_15 Datasheet
277Kb / 5P
   Ultra Low Capacitance ESD Protection Array
logo
Rectron Semiconductor
TEP0504DLC RECTRON-TEP0504DLC Datasheet
176Kb / 5P
   Ultra Low Capacitance ESD Protection Array
TEP0516LC RECTRON-TEP0516LC Datasheet
151Kb / 6P
   Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U-Q NEXPERIA-NUP1301U-Q Datasheet
274Kb / 12P
   Ultra low capacitance ESD protection array
6 May 2022
logo
Taiwan Semiconductor Co...
TESDM5V0A TSC-TESDM5V0A Datasheet
183Kb / 4P
   Ultra Low Capacitance ESD Protection Array
logo
ON Semiconductor
ESDR0502N ONSEMI-ESDR0502N_16 Datasheet
86Kb / 5P
   Ultra Low Capacitance ESD Protection Array
November, 2016 ??Rev. 5
logo
Nexperia B.V. All right...
NUP1301U NEXPERIA-NUP1301U Datasheet
725Kb / 14P
   Ultra low capacitance ESD protection array
NUP1301-Q NEXPERIA-NUP1301-Q Datasheet
276Kb / 13P
   Ultra low capacitance ESD protection array
4 July 2022
NUP1301QA-Q NEXPERIA-NUP1301QA-Q Datasheet
252Kb / 13P
   Ultra low capacitance ESD protection array
4 July 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com