Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1921EUT18 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1921EUT18
Description  Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1921EUT18 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1921EUT18 Datasheet HTML 3Page - Maxim Integrated Products MAX1921EUT18 Datasheet HTML 4Page - Maxim Integrated Products MAX1921EUT18 Datasheet HTML 5Page - Maxim Integrated Products MAX1921EUT18 Datasheet HTML 6Page - Maxim Integrated Products MAX1921EUT18 Datasheet HTML 7Page - Maxim Integrated Products MAX1921EUT18 Datasheet HTML 8Page - Maxim Integrated Products MAX1921EUT18 Datasheet HTML 9Page - Maxim Integrated Products MAX1921EUT18 Datasheet HTML 10Page - Maxim Integrated Products MAX1921EUT18 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MAX1921 Using Ceramic COUT
When using the application circuit of Figure 1, the
inductor’s series resistance causes a small amount of
load regulation, as desired for a voltage-positioning
load transient response. Choose R1 such that VOUT is
high at no load by about half of this load regulation. The
simplified calculation is:
where RL(MAX) is the maximum series resistance of the
inductor. Select a standard resistor value that is within
20% of this calculation.
Next, calculate CFF for 25mV ripple at the internal feed-
back node. The simplified calculation is:
where R1 is the standard resistor value that is used.
Select a standard capacitor value that is within 20% of
the calculated CFF.
MAX1920 Using Ceramic COUT
When using the application circuit of Figure 2, the induc-
tor’s series resistance causes a small amount of load
regulation, as desired for a voltage-positioning load tran-
sient response. Choose R1 and R2 such that VOUT is
high at no load by about half of this load regulation:
where R2 is chosen in the 50k
Ω to 500kΩ range, VREF
= 1.25V and RL is the typical series resistance of the
inductor. Use 1% or better resistors.
Next, calculate the equivalent resistance at the FB node as:
Then, calculate CFF for 25mV ripple at FB. The simpli-
fied calculation is:
Select a standard capacitor value that is within 20% of
the calculated CFF.
MAX1920 Using Tantalum COUT
When using the application circuit of Figure 4, choose
R1 and R2 such as to obtain the desired VOUT:
where R2 is chosen to be less than 50k
Ω and VREF =
1.25V. Use 1% or better resistors.
Layout Considerations
High switching frequencies make PC board layout a
very important part of design. Good design minimizes
excessive EMI on the feedback paths and voltage gra-
dients in the ground plane, both of which can result in
instability or regulation errors. Connect the inductor,
input filter capacitor, and output filter capacitor as
close to the device as possible, and keep their traces
short, direct, and wide. Connect their ground pins at a
single common node in a star ground configuration.
The external voltage-feedback network should be very
close to the FB pin, within 0.2in (5mm). Keep noisy
traces, such as the LX trace, away from the voltage-
feedback network; also keep them separate, using
grounded copper. The MAX1920/MAX1921 evaluation
kit data sheet includes a proper PC board layout and
routing scheme.
RR
V
V
OUT
REF
12
1


Cq
FF
25
10
5
.
Re
Re
||
qR
R
RR
RR
==
×
+
12
12
12
RR
VR
I
MAX
V
OUT
L
OUT
REF
12
2
1


() /
CR
FF
25
10
1
5
.
RR MAX
L
15
10
4
×
()
Low-Voltage, 400mA Step-Down
DC-DC Converters in SOT23
8
_______________________________________________________________________________________
Table 3. Component Suppliers
SUPPLIER
PHONE
WEBSITE
Coilcraft
847-639-6400
www.coilcraft.com
Kemet
408-986-0424
www.kemet.com
Murata
814-237-1431
www.murata.com
USA
847-956-0666
Sumida
Japan
81-3-3607-5111
www.sumida.com
USA
408-573-4150
www.T-Yuden.com
Taiyo
Yuden
Japan
81-3-3833-5441
www.yuden.co.jp
USA
847-297-0070
www.tokoam.com
Toko
Japan
81-3-3727-1161
www.toko.co.jp
MAX1920
IN
AGND
SHDN
LX
PGND
FB
OFF
ON
R1
COUT
L
OUTPUT
UP TO 400mA
INPUT
2V TO 5.5V
CIN
R2
2
1
3
5
6
4
Figure 4. MAX1920 Application Circuit Using Tantalum Output
Capacitor


Similar Part No. - MAX1921EUT18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1921EUT MAXIM-MAX1921EUT Datasheet
93Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 30, 2003
MAX1921EUT-T MAXIM-MAX1921EUT-T Datasheet
370Kb / 9P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1921EUT__+T MAXIM-MAX1921EUT__+T Datasheet
1Mb / 12P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
MAX1921EUT__-T MAXIM-MAX1921EUT__-T Datasheet
1Mb / 12P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
More results

Similar Description - MAX1921EUT18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1920 MAXIM-MAX1920_V01 Datasheet
1Mb / 12P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
   Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
   400mA Synchronous Step-Down DC/DC Converters
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
   400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Linear Technology
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021_V01 Datasheet
947Kb / 16P
   Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
logo
Skyworks Solutions Inc.
AAT1130 SKYWORKS-AAT1130 Datasheet
2Mb / 18P
   2.5MHz 400mA Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com