Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC1044A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # TDC1044A
Description  Monolithic Video A/D Converter 4-Bit, 25 Msps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TDC1044A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  TDC1044A Datasheet HTML 1Page - Fairchild Semiconductor TDC1044A Datasheet HTML 2Page - Fairchild Semiconductor TDC1044A Datasheet HTML 3Page - Fairchild Semiconductor TDC1044A Datasheet HTML 4Page - Fairchild Semiconductor TDC1044A Datasheet HTML 5Page - Fairchild Semiconductor TDC1044A Datasheet HTML 6Page - Fairchild Semiconductor TDC1044A Datasheet HTML 7Page - Fairchild Semiconductor TDC1044A Datasheet HTML 8Page - Fairchild Semiconductor TDC1044A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PRODUCT SPECIFICATION
TDC1044A
3
Table 1. Output Coding1
Note:
1. Input voltages are at code centers.
Pin Assignments
20 Lead PLCC
16 Lead DIP
Range
Binary
Offset Two’s Complement
True
Inverted
True
Inverted
-1.00V FS
NMINV = 1
0
0
1
NLINV = 1
0
1
0
0.000V
0000
1111
1000
0111
-0.067V
0001
1110
1001
0110
-0.133V
0010
1101
1010
0101
-0.200V
0011
1100
1011
0100
-0.267V
0100
1011
1100
0011
-0.333V
0101
1010
1101
0010
-0.400V
0110
1001
1110
0001
-0.467V
0111
1000
1111
0000
-0.533V
1000
0111
0000
1111
-0.600V
1001
0110
0001
1110
-0.667V
1010
0101
0010
1101
-0.733V
1011
0100
0011
1100
-0.800V
1100
0011
0100
1011
-0.867V
1101
0010
0101
1010
-0.933V
1110
0001
0110
1001
-1.000V
1111
0000
0111
1000
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
65-1044A-03
AGND
VIN
NC
RT
RB
VEE
NLINV
RM
CONV
D4 (LSB)
D3
D2
D1 (MSB)
DGND
VCC
NMINV
65-1044A-02
NC
CONV
AGND
VIN
NC
VCC
NMINV
RM
NLINV
NC
19
20
1
2
3
13
12
11
10
9


Similar Part No. - TDC1044A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TDC104035NSE-F CDE-TDC104035NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104035NSE-F CDE-TDC104035NSE-F Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104050NSE-F CDE-TDC104050NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104050NSE-F CDE-TDC104050NSE-F Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
More results

Similar Description - TDC1044A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com