Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3223ECTP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3223ECTP
Description  15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3223ECTP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3223ECTP Datasheet HTML 2Page - Maxim Integrated Products MAX3223ECTP Datasheet HTML 3Page - Maxim Integrated Products MAX3223ECTP Datasheet HTML 4Page - Maxim Integrated Products MAX3223ECTP Datasheet HTML 5Page - Maxim Integrated Products MAX3223ECTP Datasheet HTML 6Page - Maxim Integrated Products MAX3223ECTP Datasheet HTML 7Page - Maxim Integrated Products MAX3223ECTP Datasheet HTML 8Page - Maxim Integrated Products MAX3223ECTP Datasheet HTML 9Page - Maxim Integrated Products MAX3223ECTP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps,
RS-232 Transceivers with AutoShutdown
Pin Description
PIN
MAX3221E
MAX3223E
MAX3243E
TQFN-
EP
SSOP/
TSSOP
TQFN-
EP
DIP/
SSOP/
TSSOP
SO/
SSOP/
TSSOP
TQFN-
EP
NAME
FUNCTION
14
1
19
1
22
EN
Receiver Enable Control. Drive low for normal
operation. Drive high to force the receiver outputs
(R_OUT) into a high-impedance state.
16
2
1
2
28
28
C1+
Positive terminal of the voltage doubler Charge-Pump
Capacitor
15
3
20
3
27
27
V+
+5.5V generated by the charge pump
1
4
2
4
24
23
C1-
Negative terminal of the voltage doubler Charge-Pump
Capacitor
2
5
3
5
1
29
C2+
Positive terminal of inverting Charge-Pump Capacitor
3
6
4
6
2
30
C2-
Negative terminal of inverting Charge-Pump Capacitor
4
7
5
7
3
31
V-
-5.5V generated by the charge pump
5
8
7, 14
9, 16
4-8
1-5
R_IN
RS-232 Receiver Inputs
6
9
8, 13
10, 15
15-19
13, 14,
15, 17,
18
R_OUT
TTL/CMOS Receiver Outputs
7
10
9
11
21
INVALID
Output of the Valid Signal Detector.
INVALID is enabled
high if a valid RS-232 level is present on any receiver
input.
8
11
10, 11
12, 13
12, 13,
14
10, 11,
12
T_IN
TTL/CMOS Transmitter Inputs
9
12
12
14
23
FORCEON
Drive high to override automatic circuitry keeping
transmitters and charge pump on (
FORCEOFF must be
high) (Table 1).
10
13
6, 15
8, 17
9, 10,
11
6, 7, 8
T_OUT
RS-232 Transmitter Outputs
20
19
R2OUTB
TTL/CMOS Noninverting Complementary Receiver
Output. Always active.
11
14
16
18
25
24
GND
Ground
12
15
17
19
26
26
VCC
+3.0V to +5.5V Supply Voltage
13
16
18
20
22
FORCEOF
F
Force-Off Input, active low. Drive low to shut down
transmitters, receivers (MAX3243E, except R2OUTB),
and on-board charge pump. This overrides all
automatic circuitry and FORCEON (Table 1).
21
SHDN
Shutdown Control, Active Low
6
Maxim Integrated
MAX3221E/MAX3223E/MAX3243E


Similar Part No. - MAX3223ECTP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3223ECTP++ MAXIM-MAX3223ECTP+ Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results

Similar Description - MAX3223ECTP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3227EEAE MAXIM-MAX3227EEAE Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com