Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3483EEPA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3483EEPA
Description  3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3483EEPA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3483EEPA Datasheet HTML 2Page - Maxim Integrated Products MAX3483EEPA Datasheet HTML 3Page - Maxim Integrated Products MAX3483EEPA Datasheet HTML 4Page - Maxim Integrated Products MAX3483EEPA Datasheet HTML 5Page - Maxim Integrated Products MAX3483EEPA Datasheet HTML 6Page - Maxim Integrated Products MAX3483EEPA Datasheet HTML 7Page - Maxim Integrated Products MAX3483EEPA Datasheet HTML 8Page - Maxim Integrated Products MAX3483EEPA Datasheet HTML 9Page - Maxim Integrated Products MAX3483EEPA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3.3V-Powered, ±15kV ESD-Protected, 12Mbps and
Slew-Rate-Limited True RS-485/RS-422 Transceivers
6
_______________________________________________________________________________________
0.8
0.7
0.9
1.0
1.1
1.2
-40
-20
0
20
40
60
100
80
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
X = DON’T CARE
DE = VCC, RE = X
DE = 0, RE = 0
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
0
10
20
30
40
50
60
70
80
100
90
-40
-20
0
20
40
60
100
80
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
Pin Description
3
4
5
6
8
7
1
MAX3483E
MAX3485E
MAX3486E
2
1
2
3
4
5
6
7
8
2
Receiver Output. If A > B by 200mV, RO will be high; if A < B by 200mV,
RO will be low.
3
Receiver Output Enable. RO is enabled when RE is low; RO is high imped-
ance when RE is high. If RE is high and DE is low, the device will enter a
low-power shutdown mode.
4
Driver Output Enable. The driver outputs are enabled by bringing DE high.
They are high impedance when DE is low. If RE is high and DE is low, the
device will enter a low-power shutdown mode. If the driver outputs are
enabled, the parts function as line drivers. While they are high impedance,
they function as line receivers if RE is low.
5
Driver Input. A low on DI forces output Y low and output Z high. Similarly, a
high on DI forces output Y high and output Z low.
6, 7
Ground
9
Noninverting Driver Output
10
Inverting Driver Output
Noninverting Receiver Input and Noninverting Driver Output
12
Noninverting Receiver Input
RO
RE
DE
DI
GND
Y
Z
A
A
B
Inverting Receiver Input and Inverting Driver Output
11
B
Inverting Receiver Input
13, 14
VCC
Positive Supply: 3.0V
≤ VCC ≤ 3.6V. Do not operate device with VCC > 3.6V.
1, 8
N.C.
No Connection. Not internally connected.
MAX3488E
MAX3490E
PIN
FUNCTION
MAX3491E
FUNCTION
NAME
NAME


Similar Part No. - MAX3483EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483EEPA MAXIM-MAX3483EEPA Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3483EEPA MAXIM-MAX3483EEPA Datasheet
237Kb / 16P
   3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
Rev 0; 4/99
MAX3483EEPA MAXIM-MAX3483EEPA Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
More results

Similar Description - MAX3483EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3491EESD-T MAXIM-MAX3491EESD-T Datasheet
674Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
logo
List of Unclassifed Man...
STC3485E ETC1-STC3485E Datasheet
641Kb / 11P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483AE MAXIM-MAX3483AE_V01 Datasheet
999Kb / 19P
   3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com