Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5372ACPZ-WP1 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5372ACPZ-WP1
Description  1500 MHz to 2500 MHz Quadrature Modulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5372ACPZ-WP1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5372ACPZ-WP1 Datasheet HTML 3Page - Analog Devices ADL5372ACPZ-WP1 Datasheet HTML 4Page - Analog Devices ADL5372ACPZ-WP1 Datasheet HTML 5Page - Analog Devices ADL5372ACPZ-WP1 Datasheet HTML 6Page - Analog Devices ADL5372ACPZ-WP1 Datasheet HTML 7Page - Analog Devices ADL5372ACPZ-WP1 Datasheet HTML 8Page - Analog Devices ADL5372ACPZ-WP1 Datasheet HTML 9Page - Analog Devices ADL5372ACPZ-WP1 Datasheet HTML 10Page - Analog Devices ADL5372ACPZ-WP1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADL5372
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V; TA = 25°C; LO = 0 dBm single-ended; baseband I/Q amplitude = 1.4 V p-p differential sine waves in quadrature with a 500 mV
dc bias; baseband I/Q frequency (fBB) = 1 MHz, unless otherwise noted.
0
1
2
3
4
5
6
7
8
9
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 3. Single Sideband (SSB) Output Power (POUT) vs.
LO Frequency (fLO) and Temperature
0
1
2
3
4
5
6
7
8
9
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500
LO FREQUENCY (MHz)
VS = 5V
VS = 5.25V
VS = 4.75V
Figure 4. Single Sideband (SSB) Output Power (POUT) vs.
LO Frequency (fLO) and Supply
5
0
–5
1
10
100
1000
BASEBAND FREQUENCY (MHz)
Figure 5. I and Q Input Bandwidth Normalized to
Gain @ 1 MHz (fLO = 1900 MHz)
0
2
4
6
8
10
12
14
16
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 6. SSB Output P1dB Compression Point (OP1dB) vs. fLO and Temperature
0
2
4
6
8
10
12
14
16
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500
LO FREQUENCY (MHz)
VS = 4.75V
VS = 5.25V
VS = 5V
Figure 7. SSB Output P1dB Compression Point (OP1dB) vs. fLO and Supply
0
180
30
330
60
90
270
300
120
240
150
210
2500MHz
1500MHz
1500MHz
2500MHz
S11 OF LOIP
S22 OF OUTPUT
Figure 8. Smith Chart of LOIP S11 and VOUT S22
(fLO from 1600 MHz to 2500 MHz)


Similar Part No. - ADL5372ACPZ-WP1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5372 AD-ADL5372 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372 Datasheet
209Kb / 8P
   Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5372 AD-ADL5372 Datasheet
129Kb / 2P
   Interfacing the ADL5372 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
More results

Similar Description - ADL5372ACPZ-WP1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
   2500 - 4000 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
   300 - 2500 MHz Direct Quadrature Modulator
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
   30 MHz to 2200 MHz Quadrature Modulator
REV. B
ADRF6750ACPZ-R7 AD-ADRF6750ACPZ-R7 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com