Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3225CUP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3225CUP
Description  1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3225CUP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3225CUP Datasheet HTML 5Page - Maxim Integrated Products MAX3225CUP Datasheet HTML 6Page - Maxim Integrated Products MAX3225CUP Datasheet HTML 7Page - Maxim Integrated Products MAX3225CUP Datasheet HTML 8Page - Maxim Integrated Products MAX3225CUP Datasheet HTML 9Page - Maxim Integrated Products MAX3225CUP Datasheet HTML 10Page - Maxim Integrated Products MAX3225CUP Datasheet HTML 11Page - Maxim Integrated Products MAX3225CUP Datasheet HTML 12Page - Maxim Integrated Products MAX3225CUP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
RS-232 Receivers
The receivers convert RS-232 signals to CMOS-logic
output levels. The MAX3224–MAX3227 feature inverting
outputs that always remain active (Table 1). The
MAX3244/MAX3245 have inverting three-state outputs
that are high impedance when shut down (FORCEOFF
= GND) (Table 1).
The MAX3244/MAX3245 feature an extra, always
active, noninverting output, R2OUTB. R2OUTB output
monitors receiver activity while the other receivers are
high impedance, allowing Ring Indicator applications to
be monitored without forward biasing other devices
connected to the receiver outputs. This is ideal for sys-
tems where VCC is set to ground in shutdown to
accommodate peripherals such as UARTs (Figure 2).
The MAX3224–MAX3227/MAX3244/MAX3245 feature
an INVALID output that is enabled low when no valid
RS-232 voltage levels have been detected on all receiv-
er inputs. Because INVALID indicates the receiver
input’s condition, it is independent of FORCEON and
FORCEOFF states (Figures 3 and 4).
AutoShutdown Plus Mode
The MAX3224–MAX3227/MAX3244/MAX3245 achieve a
1µA supply current with Maxim’s AutoShutdown Plus
feature, which operates when FORCEOFF is high and a
FORCEON is low. When these devices do not sense a
valid signal transition on any receiver and transmitter
input for 30sec, the on-board charge pumps are shut
down, reducing supply current to 1µA. This occurs if the
RS-232 cable is disconnected or if the connected
1µA Supply Current, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
Table 1. Output Control Truth Table
OPERATION
STATUS
FORCEON
FORCEOFF
VALID
RECEIVER
LEVEL
RECEIVER OR
TRANSMITTER
EDGE WITHIN
30sec
T_OUT
R_OUT
(MAX3224/
MAX3225/
MAX3226/
MAX3227)
R_OUT
(MAX3244/
MAX3245)
R2OUTB
(MAX3244/
MAX3245)
Shutdown
(Forced Off)
X
0
X
X
High-Z
Active
High-Z
Active
Normal
Operation
(Forced On)
1
1
X
X
Active
Active
Active
Active
Normal
Operation
(AutoShutdown
Plus)
0
1
X
Yes
Active
Active
Active
Active
Shutdown (Auto-
Shutdown Plus)
0
1
X
No
High-Z
Active
Active
Active
Normal
Operation
INVALID*
1
Yes
X
Active
Active
Active
Active
Normal
Operation
INVALID*
1
X
Yes
Active
Active
Active
Active
Shutdown
INVALID*
1
No
No
High-Z
Active
Active
Active
Normal
Operation
(AutoShutdown)
INVALID*
INVALID**
Yes
X
Active
Active
Active
Active
Shutdown
(AutoShutdown™)
INVALID*
INVALID**
No
X
High-Z
Active
High-Z
Active
X = Don’t care
*INVALID
connected to FORCEON
**INVALID
connected to FORCEON and FORCEOFF
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
Maxim Integrated
9
MAX3224–MAX3227/MAX3244/MAX3245


Similar Part No. - MAX3225CUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3225CUP MAXIM-MAX3225CUP Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
More results

Similar Description - MAX3225CUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com