Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2850 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2850
Description  Nonvolatile Memory, Dual 1024-Position Digital Resistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2850 Datasheet(HTML) 3 Page - Analog Devices

  ADN2850 Datasheet HTML 1Page - Analog Devices ADN2850 Datasheet HTML 2Page - Analog Devices ADN2850 Datasheet HTML 3Page - Analog Devices ADN2850 Datasheet HTML 4Page - Analog Devices ADN2850 Datasheet HTML 5Page - Analog Devices ADN2850 Datasheet HTML 6Page - Analog Devices ADN2850 Datasheet HTML 7Page - Analog Devices ADN2850 Datasheet HTML 8Page - Analog Devices ADN2850 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADN2850
Rev. E | Page 3 of 28
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—25 kΩ, 250 kΩ VERSIONS
VDD = 2.7 V to 5.5 V, VSS = 0 V; VDD = 2.5 V, VSS = −2.5 V, VA = VDD, VB = VSS, −40°C < TA < +85°C, unless otherwise noted. These
specifications apply to versions with a date code 1209 or later.
Table 1.
Parameter
Symbol
Conditions
Min
Typ 1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT
MODE (All RDACs)
Resolution
N
10
Resistor Differential Nonlinearity2
R-DNL
RWB
−1
+1
LSB
Resistor Integral Nonlinearity2
R-INL
RWB
−2
+2
LSB
Nominal Resistor Tolerance
∆RWB/RWB
Code = full scale
−8
+8
%
Resistance Temperature Coefficient3
(∆RWB/RWB)/
∆T × 106
Code = full scale
35
ppm/°C
Wiper Resistance
RW
Code = half scale
VDD = 5 V
30
60
VDD = 3 V
50
Nominal Resistance Match3
RWB1/RWB2
Code = full scale
±0.1
%
RESISTOR TERMINALS
Terminal Voltage Range3
VB, VW
VSS
VDD
V
Capacitance Bx3
CB
f = 1 MHz, measured to GND,
code = half-scale
11
pF
Capacitance Wx3
CW
f = 1 MHz, measured to GND,
code = half-scale
80
pF
Common-Mode Leakage Current3, 4
ICM
VW = VDD/2
0.01
±1
µA
DIGITAL INPUTS AND OUTPUTS
Input Logic 3
High
VIH
VDD = 5 V
2.4
V
VDD = 2.7 V
2.1
V
VDD = +2.5 V, VSS = −2.5 V
2.0
V
Low
VIL
VDD = 5 V
0.8
V
VDD = 2.7 V
0.6
V
VDD = +2.5 V, VSS = −2.5 V
0.5
V
Output Logic High (SDO, RDY)
VOH
RPULL-UP = 2.2 kΩ to 5 V (see Figure 25)
4.9
V
Output Logic Low
VOL
IOL = 1.6 mA, VLOGIC = 5 V (see Figure 25)
0.4
V
Input Current
IIL
VIN = 0 V or VDD
±1
µA
Input Capacitance3
CIL
5
pF
POWER SUPPLIES
Single-Supply Power Range
VDD
VSS = 0 V
2.7
5.5
V
Dual-Supply Power Range
VDD/VSS
±2.25
±2.75
V
Positive Supply Current
IDD
VIH = VDD or VIL = GND
2
5
µA
Negative Supply Current
ISS
VDD = +2.5 V, VSS = −2.5 V
VIH = VDD or VIL = GND
−4
−2
µA
EEMEM Store Mode Current
IDD (store)
VIH = VDD or VIL = GND,
VSS = GND, ISS ≈ 0
2
mA
ISS (store)
VDD = +2.5 V, VSS = −2.5 V
−2
mA
EEMEM Restore Mode Current5
IDD (restore)
VIH = VDD or VIL = GND,
VSS = GND, ISS ≈ 0
320
µA
ISS (restore)
VDD = +2.5 V, VSS = −2.5 V
−320
µA
Power Dissipation6
PDISS
VIH = VDD or VIL = GND
10
30
µW
Power Supply Sensitivity3
PSS
∆VDD = 5 V ± 10%
0.006
0.01
%/%


Similar Part No. - ADN2850

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850 AD-ADN2850 Datasheet
481Kb / 20P
   Nonvolatile Memory, Dual 1024 Position Programmable Resistors
REV. B
ADN2850 AD-ADN2850 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
ADN2850ACP25 AD-ADN2850ACP25 Datasheet
481Kb / 20P
   Nonvolatile Memory, Dual 1024 Position Programmable Resistors
REV. B
ADN2850ACP25-RL7 AD-ADN2850ACP25-RL7 Datasheet
481Kb / 20P
   Nonvolatile Memory, Dual 1024 Position Programmable Resistors
REV. B
ADN2850ACP250 AD-ADN2850ACP250 Datasheet
481Kb / 20P
   Nonvolatile Memory, Dual 1024 Position Programmable Resistors
REV. B
More results

Similar Description - ADN2850

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
ADN2850 AD-ADN2850 Datasheet
481Kb / 20P
   Nonvolatile Memory, Dual 1024 Position Programmable Resistors
REV. B
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com