Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2850BRUZ25 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN2850BRUZ25
Description  Nonvolatile Memory, Dual 1024-Position Digital Resistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2850BRUZ25 Datasheet(HTML) 4 Page - Analog Devices

  ADN2850BRUZ25 Datasheet HTML 1Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 2Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 3Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 4Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 5Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 6Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 7Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 8Page - Analog Devices ADN2850BRUZ25 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADN2850
Data Sheet
Rev. E | Page 4 of 28
Parameter
Symbol
Conditions
Min
Typ 1
Max
Unit
CURRENT MONITOR TERMINALS
Current Sink at V1
I1
0.0001
10
mA
Current Sink at V2
I2
0.0001
10
mA
DYNAMIC CHARACTERISTICS3, 7
Resistor Noise Density
eN_WB
Code= full scale
RWB = 25 kΩ/250 kΩ, TA = 25°C
20/64
nV/√Hz
Analog Crosstalk
CT
VBX = GND, Measured VW1 with VW2 =
1 VRMS, f = 1 kHz, Code 1 = midscale,
Code 2 = midscale,
RWB = 25 kΩ/250 kΩ
−95/−80
dB
1
Typicals represent average readings at 25°C and VDD = 5 V.
2
Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. The maximum current in each code is defined by IWB = (VDD− 1)/RWB.
(see Figure 20).
3
Guaranteed by design and not subject to production test.
4
Common-mode leakage current is a measure of the dc leakage from any Terminal B, or Terminal W to a common-mode bias level of VDD/2.
5
EEMEM restore mode current is not continuous. Current is consumed while EEMEM locations are read and transferred to the RDAC register.
6
PDISS is calculated from (IDD × VDD) + (ISS × VSS).
7
All dynamic characteristics use VDD = +2.5 V and VSS = −2.5 V.


Similar Part No. - ADN2850BRUZ25

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850BRUZ25 AD-ADN2850BRUZ25 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
More results

Similar Description - ADN2850BRUZ25

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
ADN2850 AD-ADN2850 Datasheet
481Kb / 20P
   Nonvolatile Memory, Dual 1024 Position Programmable Resistors
REV. B
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com