Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1184 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1184
Description  0.8% Accurate Quad Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1184 Datasheet(HTML) 5 Page - Analog Devices

  ADM1184 Datasheet HTML 1Page - Analog Devices ADM1184 Datasheet HTML 2Page - Analog Devices ADM1184 Datasheet HTML 3Page - Analog Devices ADM1184 Datasheet HTML 4Page - Analog Devices ADM1184 Datasheet HTML 5Page - Analog Devices ADM1184 Datasheet HTML 6Page - Analog Devices ADM1184 Datasheet HTML 7Page - Analog Devices ADM1184 Datasheet HTML 8Page - Analog Devices ADM1184 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM1184
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND 1
VIN1 2
VIN2 3
VIN3 4
VIN4 5
VCC
10
OUT1
9
OUT2
8
OUT3
7
PWRGD
6
ADM1184
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Chip Ground Pin.
2
VIN1
Noninverting Input of Comparator 1. The voltage on this pin is compared with a 0.6 V reference. Can be used to
monitor a voltage rail via a resistor divider.
3
VIN2
Noninverting Input of Comparator 2. The voltage on this pin is compared with a 0.6 V reference. Can be used to
monitor a voltage rail via a resistor divider.
4
VIN3
Noninverting Input of Comparator 3. The voltage on this pin is compared with a 0.6 V reference. Can be used to
monitor a voltage rail via a resistor divider.
5
VIN4
Noninverting Input of Comparator 4. The voltage on this pin is compared with a 0.6 V reference. Can be used to
monitor a voltage rail via a resistor divider.
6
PWRGD
Active High, Open-Drain Output. When the voltage on each VINx input exceeds 0.6 V, PWRGD is asserted after a
190 ms delay. Once PWRGD has been asserted, if the voltage monitored by VIN1, VIN2, VIN3, or VIN4 falls below 0.6 V,
the PWRGD output is deasserted immediately.
7
OUT3
Active High, Open-Drain Output. When the voltage on VIN3 exceeds 0.6 V, OUT3 is asserted. OUT3 remains asserted
until the voltage monitored by VIN3 falls below 0.6 V, and then it is driven low.
8
OUT2
Active High, Open-Drain Output. When the voltage on VIN2 exceeds 0.6 V, OUT2 is asserted. OUT2 remains asserted
until the voltage monitored by VIN2 falls below 0.6 V, and then it is driven low.
9
OUT1
Active High, Open-Drain Output. When the voltage on VIN1 exceeds 0.6 V, OUT1 is asserted. OUT1 remains asserted
until the voltage monitored by VIN1 falls below 0.6 V, and then it is driven low.
10
VCC
Positive Supply Input Pin. The operating supply voltage range is 2.7 V to 5.5 V.


Similar Part No. - ADM1184

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1184 AD-ADM1184 Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184 AD-ADM1184 Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184ARMZ-REEL71 AD-ADM1184ARMZ-REEL71 Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184ARMZ1 AD-ADM1184ARMZ1 Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
More results

Similar Description - ADM1184

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184 AD-ADM1184 Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
EVAL-ADM1184 AD-EVAL-ADM1184 Datasheet
287Kb / 8P
   Evaluation Kit for ADM1184 짹0.8% Accurate Quad Voltage Monitor
REV. 0
logo
Intersil Corporation
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
   Quad Voltage Monitor
logo
Renesas Technology Corp
ISL88041 RENESAS-ISL88041 Datasheet
429Kb / 7P
   Quad Voltage Monitor
logo
Maxim Integrated Produc...
MAX16063 MAXIM-MAX16063 Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
logo
Maxim Integrated Produc...
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com