Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3245CAI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3245CAI
Description  1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3245CAI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3245CAI Datasheet HTML 3Page - Maxim Integrated Products MAX3245CAI Datasheet HTML 4Page - Maxim Integrated Products MAX3245CAI Datasheet HTML 5Page - Maxim Integrated Products MAX3245CAI Datasheet HTML 6Page - Maxim Integrated Products MAX3245CAI Datasheet HTML 7Page - Maxim Integrated Products MAX3245CAI Datasheet HTML 8Page - Maxim Integrated Products MAX3245CAI Datasheet HTML 9Page - Maxim Integrated Products MAX3245CAI Datasheet HTML 10Page - Maxim Integrated Products MAX3245CAI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
_______________Detailed Description
Dual Charge-Pump Voltage Converter
The MAX3224–MAX3227/MAX3244/MAX3245’s internal
power supply consists of a regulated dual charge
pump that provides output voltages of +5.5V (doubling
charge pump) and -5.5V (inverting charge pump), over
the +3.0V to +5.5V range. The charge pump operates
in discontinuous mode: if the output voltages are less
than 5.5V, the charge pump is enabled; if the output
voltages exceed 5.5V, the charge-pump is disabled.
Each charge pump requires a flying capacitor (C1, C2)
and a reservoir capacitor (C3, C4) to generate the V+
and V- supplies.
The READY output (MAX3224–MAX3227) is low when
the charge pumps are disabled in shutdown mode. The
READY signal asserts high when V- goes below -4V.
1µA Supply Current, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
Pin Description
PIN
MAX3224
MAX3225
PDIP/
SSIP/
TSSOP
TQFN-
EP
MAX3226
MAX3227
MAX3244
MAX3245
NAME
FUNCTION
1
19
1
READY
Ready to Transmit Output, Active High. READY is enabled high when
V- goes below -4V and the device is ready to transmit.
2
1
2
28
C1+
Positive Terminal of Voltage-Doubler Charge-Pump Capacitor
3
20
3
27
V+
+5.5V Generated By the Charge Pump
4
2
4
24
C1-
Negative Terminal of Voltage-Doubler Charge-Pump Capacitor
5
3
5
1
C2+
Positive Terminal of Inverting Charge-Pump Capacitor
6
4
6
2
C2-
Negative Terminal of Inverting Charge-Pump Capacitor
7
5
7
3
V-
-5.5V Generated By the Charge Pump
8, 17
6, 15
13
9, 10, 11
T_OUT
RS-232 Transmitter Outputs
9, 16
7, 14
8
4–8
R_IN
RS-232 Receiver Inputs
10, 15
8, 13
9
15–19
R_OUT
TTL/CMOS Receiver Outputs
11
9
10
21
INVALID
Valid Signal Detector Output, Active Low. A logic-high indicates that
a valid RS-232 level is present on a receiver input.
12, 13
10, 11
11
12, 13, 14
T_IN
TTL/CMOS Transmitter Inputs
14
12
12
23
FORCEON
Force-On Input, Active High. Drive high to override AutoShutdown
Plus, keeping transmitters and receivers on (
FORCEOFF must be
high) (Table 1).
18
16
14
25
GND
Ground
19
17
15
26
VCC
+3.0V to +5.5V Single Supply Voltage
20
18
16
22
FORCEOFF
Force-Off Input, Active Low. Drive low to shut down transmitters,
receivers (except R2OUTB), and charge pump. This overrides
AutoShutdown Plus and FORCEON (Table 1).
20
R2OUTB
TTL/CMOS Noninverting Complementary Receiver Outputs. Always
active.
EP
Exposed Pad (TQFN only). Solder the exposed pad to the ground, or
leave unconnected.
Maxim Integrated
7
MAX3224–MAX3227/MAX3244/MAX3245


Similar Part No. - MAX3245CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3245CAI MAXIM-MAX3245CAI Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
More results

Similar Description - MAX3245CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com