Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF532 Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-BF532
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF532 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-BF532 Datasheet HTML 3Page - Analog Devices ADSP-BF532 Datasheet HTML 4Page - Analog Devices ADSP-BF532 Datasheet HTML 5Page - Analog Devices ADSP-BF532 Datasheet HTML 6Page - Analog Devices ADSP-BF532 Datasheet HTML 7Page - Analog Devices ADSP-BF532 Datasheet HTML 8Page - Analog Devices ADSP-BF532 Datasheet HTML 9Page - Analog Devices ADSP-BF532 Datasheet HTML 10Page - Analog Devices ADSP-BF532 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
Rev. I
|
Page 7 of 64
|
August 2013
Each event type has an associated register to hold the return
address and an associated return-from-event instruction. When
an event is triggered, the state of the processor is saved on the
supervisor stack.
The ADSP-BF531/ADSP-BF532/ADSP-BF533 processors’ event
controller consists of two stages, the core event controller (CEC)
and the system interrupt controller (SIC). The core event con-
troller works with the system interrupt controller to prioritize
and control all system events. Conceptually, interrupts from the
peripherals enter into the SIC, and are then routed directly into
the general-purpose interrupts of the CEC.
Core Event Controller (CEC)
The CEC supports nine general-purpose interrupts (IVG15–7),
in addition to the dedicated interrupt and exception events. Of
these general-purpose interrupts, the two lowest priority inter-
rupts (IVG15–14) are recommended to be reserved for software
interrupt handlers, leaving seven prioritized interrupt inputs to
support the peripherals of the processor. Table 2 describes the
inputs to the CEC, identifies their names in the event vector
table (EVT), and lists their priorities.
System Interrupt Controller (SIC)
The system interrupt controller provides the mapping and rout-
ing of events from the many peripheral interrupt sources to the
prioritized general-purpose interrupt inputs of the CEC.
Although the processors provide a default mapping, the user
can alter the mappings and priorities of interrupt events by writ-
ing the appropriate values into the interrupt assignment
registers (SIC_IARx). Table 3 describes the inputs into the SIC
and the default mappings into the CEC.
Event Control
The processors provide a very flexible mechanism to control the
processing of events. In the CEC, three registers are used to
coordinate and control events. Each register is 32 bits wide:
• CEC interrupt latch register (ILAT) – The ILAT register
indicates when events have been latched. The appropriate
bit is set when the processor has latched the event and
cleared when the event has been accepted into the system.
This register is updated automatically by the controller, but
it can also be written to clear (cancel) latched events. This
register can be read while in supervisor mode and can only
be written while in supervisor mode when the correspond-
ing IMASK bit is cleared.
• CEC interrupt mask register (IMASK) – The IMASK regis-
ter controls the masking and unmasking of individual
events. When a bit is set in the IMASK register, that event is
unmasked and is processed by the CEC when asserted. A
cleared bit in the IMASK register masks the event,
preventing the processor from servicing the event even
though the event may be latched in the ILAT register. This
register can be read or written while in supervisor mode.
Note that general-purpose interrupts can be globally
enabled and disabled with the STI and CLI instructions,
respectively.
Table 2. Core Event Controller (CEC)
Priority
(0 is Highest)
Event Class
EVT Entry
0Emulation/Test Control
EMU
1Reset
RST
2
Nonmaskable Interrupt
NMI
3Exception
EVX
4Reserved
5
Hardware Error
IVHW
6
Core Timer
IVTMR
7
General Interrupt 7
IVG7
8
General Interrupt 8
IVG8
9
General Interrupt 9
IVG9
10
General Interrupt 10
IVG10
11
General Interrupt 11
IVG11
12
General Interrupt 12
IVG12
13
General Interrupt 13
IVG13
14
General Interrupt 14
IVG14
15
General Interrupt 15
IVG15
Table 3. System Interrupt Controller (SIC)
Peripheral Interrupt Event
Default Mapping
PLL Wakeup
IVG7
DMA Error
IVG7
PPI Error
IVG7
SPORT 0 Error
IVG7
SPORT 1 Error
IVG7
SPI Error
IVG7
UART Error
IVG7
Real-Time Clock
IVG8
DMA Channel 0 (PPI)
IVG8
DMA Channel 1 (SPORT 0 Receive)
IVG9
DMA Channel 2 (SPORT 0 Transmit)
IVG9
DMA Channel 3 (SPORT 1 Receive)
IVG9
DMA Channel 4 (SPORT 1 Transmit)
IVG9
DMA Channel 5 (SPI)
IVG10
DMA Channel 6 (UART Receive)
IVG10
DMA Channel 7 (UART Transmit)
IVG10
Timer 0
IVG11
Timer 1
IVG11
Timer 2
IVG11
Port F GPIO Interrupt A
IVG12
Port F GPIO Interrupt B
IVG12
Memory DMA Stream 0
IVG13
Memory DMA Stream 1
IVG13
Software Watchdog Timer
IVG13


Similar Part No. - ADSP-BF532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF532 AD-ADSP-BF532 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF532 AD-ADSP-BF532 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
ADSP-BF532 AD-ADSP-BF532 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF532SBB400 AD-ADSP-BF532SBB400 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. D
ADSP-BF532SBB400 AD-ADSP-BF532SBB400 Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
More results

Similar Description - ADSP-BF532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com