Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-68 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP-68
Description  AUDIO TRANDFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP-68 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP-68 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.TriadMagnetics.com
| 22520 B Temescal Canyon Road, Corona, CA 92883 | Phone 951-277-0757 | FAX 951-277-2757
Audio Transformers
M il-T-27E
Power
Max. Ma DC
Overall
Type
Mil Type
Level
Matching Impedance
Unbalanced
DC Resistance
Turns
Figure
Section
No.
No.
in mW
Primary
Secondary
in Primary
Primary
Secondary
Ratio
No.
A
SP-4
TF5S21ZZ
10
200,000 CT
1,000 CT
0.0
5,300.0
100.0
14.1:1.0
3
B
SP-5
TF5S21ZZ
25
50,000 CT
1,000 CT
0.0
3,800.0
75.0
7.1:1.0
3
C
SP-13
TF5S21ZZ
40
25,000 CT/20,000 CT
1,000/800 CT
0.5
1,700.0
115.0
5.0:1.0
3
SP-20
TF5S21ZZ
50
10,000 CT
1,200 CT
1.0
1,050.0
200.0
2.88:1.0
3
SP-21
TF5S21ZZ
50
10,000 CT
2,000 CT
1.0
1,050.0
330.0
2.24:1.0
3
SP-22
TF5S21ZZ
50
10,000
2,000 CT/500§
1.0
1,050.0
146.0/168.0§
4.48:1.0:1.0
4
SP-29
TF5S21ZZ
50
10,000 CT
500 CT
1.0
1,050.0
80.0
4:47:1.0
3
SP-33
TF5S21ZZ
50
1,000
50
3.0
145.0
8.0
4.4:1.0
1
SP-42
TF5S21ZZ
50
150 CT
12
10.0
18.0
2.7
3.54:1.0
2
D
SP-48
TF5S21ZZ
50
7,500 CT
12
1.0
796.0
2.9
25.0:1.0
2
SP-49
TF5S21ZZ
50
300 CT
600
7.0
41.0
98.0
1.0:1.42
2
SP-50
TF5S21ZZ
50
500 CT
600
3.0
67.0
98.0
1.0:1.1
2
SP-51
TF5S21ZZ
50
900 CT
600
4.0
104.0
96.0
1.22:1.0
2
SP-52
TF5S21ZZ
50
1,500 CT
600
3.0
168.0
92.0
1.58:1.0
2
SP-66
TF5S21ZZ
50
10,000 CT
10,000 CT
1.0
1,000.0
1,300.0
1.0:1.0
3
SP-67
TF5S21ZZ
50
600 CT
600 CT
3.0
72.0
92.0
1.0:1.0
3
SP-68
TF5S21ZZ
50
10,000
10,000 CT/2,500§
1.0
1,000.0
565.0/650.0§
2.1:1.0
4
SP-69
TF5S21ZZ
50
600
600 CT/150§
3.0
72.0
40.0/45.0§
2.0:1.0:1.0
4
SP-70
TF5S21ZZ
50
600
600
3.0
72.0
92.0
1.0:1.0
1
E
SP-128
TF5S21ZZ
0.1H
5.0
15.0
••
5
SP-310
Shield Only
:: Red Spec P r in ted Cir cuit A udio T r ansf ormers
CT = Center Tap
§ Split secondary
:: Outline Dimensions
T echnical Notes
1. Plug-in terminals are precision spaced to provide
fixed mounting centers.
:: Description
Triad high reliability audio transformers provide the durability and precision required in today’s
demanding designs. These transformers are available for a wide variety of applications. The line
of Red Spec audio transformers is designed and constructed to meet the rigid requirements of
MIL-T-27E. These transformers feature an epoxy molded case, gold plated leads and exceptional
operation from 300 Hz to 100 kHz.
:: Specifica tions
Frequency Response Ranges: 300 Hz to 100 kHz
Red Spec
(M iL-T-27E)
F igur e 1
F igur e 2
F igur e 3
F igur e 4
F igur e 5
4. Red Spec transformers feature small footprint
base dimensions of .310 by .410 inch.
5. Pin diameter = .020 inch.
2. Red Spec transformers are hi-pot tested at 1,000 VRMS.
3. 150 VDC working voltage.
CT Primary
Tap Primary - Tap Secondary
Split Windings
Inductor


Similar Part No. - SP-68

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
SP-68 TRIAD-SP-68 Datasheet
162Kb / 1P
   High Reliability : Red Spec Series
More results

Similar Description - SP-68

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
   AUDIO Transformers Digital Audio Transformers
logo
List of Unclassifed Man...
GC283 ETC2-GC283 Datasheet
967Kb / 10P
   AUDIO
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
logo
Rohm
BD3870FS ROHM-BD3870FS Datasheet
215Kb / 6P
   Audio Sound Processor for home audio
BD3872FS ROHM-BD3872FS Datasheet
234Kb / 6P
   Audio Sound Processor for home audio
BD3873FS ROHM-BD3873FS Datasheet
214Kb / 6P
   Audio Sound Processor for home audio
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
logo
Rohm
BD3861FS ROHM-BD3861FS_1 Datasheet
344Kb / 6P
   Audio Sound Controller for home audio
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com