Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCSCS0G107AAR Datasheet(PDF) 5 Page - Samsung semiconductor

Part # TCSCS0G107AAR
Description  Manganese Dioxide Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

TCSCS0G107AAR Datasheet(HTML) 5 Page - Samsung semiconductor

  TCSCS0G107AAR Datasheet HTML 1Page - Samsung semiconductor TCSCS0G107AAR Datasheet HTML 2Page - Samsung semiconductor TCSCS0G107AAR Datasheet HTML 3Page - Samsung semiconductor TCSCS0G107AAR Datasheet HTML 4Page - Samsung semiconductor TCSCS0G107AAR Datasheet HTML 5Page - Samsung semiconductor TCSCS0G107AAR Datasheet HTML 6Page - Samsung semiconductor TCSCS0G107AAR Datasheet HTML 7Page - Samsung semiconductor TCSCS0G107AAR Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
18
19
Precautions in using
Tantalum Capacitors
4 Characteristics
Explanation
SCN Series
SCS Series
SCS-P Series
SCM Series
SCF Series
SCE Series
Taping
Specification
Marking
Specification
SCL Series
PCS Series
PCL Series
Part Number
10 volt Rating
@+85℃(6.3 volt Rating@+125℃)
Case
Size
Capacitance
(
μF)
DC
Leakage
(
μA)@+25℃Max.
DF
(%)
@+25℃
120Hz Max.
ESR
(
Ω)@+25℃
100KHz Max.
TCSCS1A225*AAR
TCSCS1A335*AAR
TCSCS1A475*AAR
TCSCS1A685*AAR
TCSCS1A685*BAR
TCSCS1A106*AAR
TCSCS1A106*BAR
TCSCS1A156*AAR
TCSCS1A156*BAR
TCSCS1A226*AAR
TCSCS1A226*BAR
TCSCS1A226*CAR
TCSCS1A336*AAR
TCSCS1A336*BAR
TCSCS1A336*CAR
TCSCS1A476MAAR
TCSCS1A476*BAR
TCSCS1A476*CAR
TCSCS1A476*DAR
TCSCS1A686*CAR
TCSCS1A686*DAR
TCSCS1A107*CAR
TCSCS1A107*DAR
TCSCS1A157*DAR
TCSCS1A227*DAR
A
A
A
A
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
C
D
C
D
D
D
2.2
3.3
4.7
6.8
6.8
10
10
15
15
22
22
22
33
33
33
47
47
47
47
68
68
100
100
150
220
0.5
0.5
0.5
0.7
0.7
1
1
1.5
1.5
2.2
2.2
2.2
3.3
3.3
3.3
9.4
4.7
4.7
4.7
6.8
6.8
10
10
15
22
8
8
8
8
8
8
8
8
8
8
8
8
12
8
8
20
8
8
8
8
8
8
8
8
8
8.0
6.0
6.0
6.0
3.5
2.0
3.5
4.0
3.5
2.0
3.0
1.8
2.0
1.8
1.6
3.0
1.6
1.2
0.8
0.9
0.8
1.2
0.7
0.8
0.4
A
A
A
A
B
A
B
A
B
B
C
B
C
B
C
D
C
D
C
D
D
1.5
2.2
3.3
4.7
4.7
6.8
6.8
10
10
15
15
22
22
33
33
33
47
47
68
68
100
0.5
0.5
0.5
0.7
0.7
1.0
1.0
1.6
1.6
2.4
2.4
3.5
3.5
5.3
5.3
5.3
7.5
7.5
10.9
10.9
16
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8.0
6.0
6.0
4.0
3.5
3.5
3.5
3.0
3.5
3.0
1.8
2.3
1.6
1.4
1.5
0.8
1.4
0.8
1.4
0.8
0.7
16 volt Rating
@+85℃(10 volt Rating@+125℃)
TCSCS1C155*AAR
TCSCS1C225*AAR
TCSCS1C335*AAR
TCSCS1C475*AAR
TCSCS1C475*BAR
TCSCS1C685*AAR
TCSCS1C685*BAR
TCSCS1C106*AAR
TCSCS1C106*BAR
TCSCS1C156*BAR
TCSCS1C156*CAR
TCSCS1C226*BAR
TCSCS1C226*CAR
TCSCS1C336*BAR
TCSCS1C336*CAR
TCSCS1C336*DAR
TCSCS1C476*CAR
TCSCS1C476*DAR
TCSCS1C686*CAR
TCSCS1C686*DAR
TCSCS1C107*DAR


Similar Part No. - TCSCS0G107AAR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TCSCS0G107AAR SAMSUNG-TCSCS0G107AAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
TCSCS0G107AAR SAMSUNG-TCSCS0G107AAR Datasheet
301Kb / 8P
   Manganese Dioxide Type
logo
List of Unclassifed Man...
TCSCS0G107AAR ETC1-TCSCS0G107AAR Datasheet
215Kb / 6P
   Miniaturized tantalum chip capacitors with extened capacitance. (Reduced size 1/2 to 1/3 in comparison with SCN.)
logo
Samsung semiconductor
TCSCS0G107AAR SAMSUNG-TCSCS0G107AAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
More results

Similar Description - TCSCS0G107AAR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TCSCS1E226MDAR SAMSUNG-TCSCS1E226MDAR Datasheet
301Kb / 8P
   Manganese Dioxide Type
TCSCS1A476KBAR SAMSUNG-TCSCS1A476KBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1C106KBAR SAMSUNG-TCSCS1C106KBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1A475KAAR SAMSUNG-TCSCS1A475KAAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1E106MBAR SAMSUNG-TCSCS1E106MBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
logo
List of Unclassifed Man...
CR2016 ETC-CR2016 Datasheet
269Kb / 1P
   Manganese Dioxide
CR2NP ETC2-CR2NP Datasheet
91Kb / 1P
   Lithium Manganese Dioxide
logo
Panasonic Battery Group
CR-2 PANASONICBATTERY-CR-2 Datasheet
203Kb / 1P
   LITHIUM MANGANESE DIOXIDE
logo
List of Unclassifed Man...
KECR2032-1 ETC2-KECR2032-1 Datasheet
39Kb / 1P
   Lithium Manganese Dioxide
logo
Panasonic Battery Group
CR-AG PANASONICBATTERY-CR-AG Datasheet
210Kb / 1P
   LITHIUM MANGANESE DIOXIDE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com