Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECHU1C102 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECHU1C102
Description  Stacked Metallized PPS Film Chip Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1C102 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECHU1C102 Datasheet HTML 1Page - Panasonic Semiconductor ECHU1C102 Datasheet HTML 2Page - Panasonic Semiconductor ECHU1C102 Datasheet HTML 3Page - Panasonic Semiconductor ECHU1C102 Datasheet HTML 4Page - Panasonic Semiconductor ECHU1C102 Datasheet HTML 5Page - Panasonic Semiconductor ECHU1C102 Datasheet HTML 6Page - Panasonic Semiconductor ECHU1C102 Datasheet HTML 7Page - Panasonic Semiconductor ECHU1C102 Datasheet HTML 8Page - Panasonic Semiconductor ECHU1C102 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC16−
Plastic Film Capacitors
Stacked Metallized PPS Film Chip Capacitor
Type:
ECHU(X)
Stacked metallized PPS film as dielectric with simple
mold-less construction
■Features
Small in size (minimum size 1.6 mm 0.8 mm)
85 ˚C, 85 %RH, W.V. 1.0 for 500 hours
For reflow soldering
RoHS directive compliant
■Recommended Applications
Time-constant
Filtering
Oscillation and resonance
■Explanation of Part Numbers
123
45
67
89
10
11
12
E
C
H
U
Product code
Dielectric &
construction
Rated voltage
Capacitance
X
Cap. Tol. Suffix
Suffix
■Specifications
■Construction
■Dimensions in mm (not to scale)
❈ Please consult us for flow soldering
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please
refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
1C 16 VDC
1H 50 VDC
5
8 mm
size ø180 mm
9
12 mm
size ø330 mm
Tape width 8 mm
and diameter
ø330 mm reel is
prepared.
Tape width
Reel diameter
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
Withstand voltage
Dissipation factor (tan )
Insulation resistance (IR)
−55 ℃ to +125 ℃
16 VDC
,50 VDC
(50 VDC: 0.12 µF or more: Derating or rated voltage by 1.25 % /
℃at more than 105 ℃)
0.00010 µF to 0.22 µF (E12)
±2 %(G), ±5 %(J)
Between terminals : Rated volt. (VDC)150 % 60 s
tan
δ≦0.6 % (20 ℃, 1 kHz)
16 VDC
:IR≧3000 MΩ (20 ℃, 10 VDC, 60 s)
50 VDC
:IR≧3000 MΩ (20 ℃, 50 VDC, 60 s)
Soldering conditions
Reflow soldering : 260 ˚C max. and 95 sec max. at more than 220 ˚C (Temp. at cap. surface)
saize
code
L
WH
e
g
K1
1.6
0.8
0.7
0.35
≧0.4
J1
2.0
1.25
0.9
0.45
≧0.6
J2
2.0
1.25
1.1
0.45
≧0.6
H1
3.2
1.6
0.9
0.65
≧1.0
H2
3.2
1.6
1.1
0.65
≧1.0
H3
3.2
1.6
1.5
0.65
≧1.0
G1
3.2
2.5
1.1
0.65
≧1.0
G2
3.2
2.5
1.5
0.65
≧1.0
G3
3.2
2.5
2.1
0.65
≧1.0
E1
4.8
3.3
1.5
0.80
≧2.0
E2
4.8
3.3
2.1
0.80
≧2.0
D1
6.0
4.1
1.9
0.80
≧2.0
D3
6.0
4.1
2.5
0.80
≧2.0
D4
6.0
4.1
2.8
0.80
≧2.0
G ±2 %
J
±5 %
p Œ ¯ ¶
‚ P1 ‘32
12.11.14 20:49
y [ W
16


Similar Part No. - ECHU1C102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1C102 PANASONIC-ECHU1C102 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C102 PANASONIC-ECHU1C102 Datasheet
395Kb / 10P
   Plastic Film Capacitors
ECHU1C102 PANASONIC-ECHU1C102 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C102 PANASONIC-ECHU1C102 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C102 PANASONIC-ECHU1C102 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1C102

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C222JX5 PANASONIC-ECH-U1C222JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com