Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSC107K035A0100V Datasheet(PDF) 1 Page - AVX Corporation

Part # TPSC107K035A0100V
Description  TPS Series Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K035A0100V Datasheet(HTML) 1 Page - AVX Corporation

  TPSC107K035A0100V Datasheet HTML 1Page - AVX Corporation TPSC107K035A0100V Datasheet HTML 2Page - AVX Corporation TPSC107K035A0100V Datasheet HTML 3Page - AVX Corporation TPSC107K035A0100V Datasheet HTML 4Page - AVX Corporation TPSC107K035A0100V Datasheet HTML 5Page - AVX Corporation TPSC107K035A0100V Datasheet HTML 6Page - AVX Corporation TPSC107K035A0100V Datasheet HTML 7Page - AVX Corporation TPSC107K035A0100V Datasheet HTML 8Page - AVX Corporation TPSC107K035A0100V Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPS Series
Low ESR
HOW TO ORDER
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.15 μF to 1500 μF
Capacitance Tolerance:
±10%; ±20%
Rated Voltage (VR)
+85°C:
2.5
4
6.3
10
16
20
25
35
50
Category Voltage (VC)
+125°C:
1.7
2.7
4
7
10
13
17
23
33
Surge Voltage (VS)
+85°C:
3.3
5.2
8
13
20
26
32
46
65
Surge Voltage (VS)
+125°C:
2.2
3.4
5
8
13
16
20
28
40
Temperature Range:
-55°C to +125°C
Environmental Classification:
55/125/56 (IEC 68-2)
Reliability:
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance,
60% confidence level
Termination Finished:
Sn Plating (standard), Gold and SnPb Plating upon request
Meets requirements of AEC-Q200
TECHNICAL SPECIFICATIONS
CASE DIMENSIONS: millimeters (inches)
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H+0.20 (0.008)
W
1±0.20
A+0.30 (0.012)
S Min.
Code
Metric
(0.008)
-0.10 (0.004)
-0.10 (0.004)
(0.008)
-0.20 (0.008)
A
1206
3216-18
3.20 (0.126)
1.60 (0.063)
1.60 (0.063)
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
B
1210
3528-21
3.50 (0.138)
2.80 (0.110)
1.90 (0.075)
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
C
2312
6032-28
6.00 (0.236)
3.20 (0.126)
2.6 (0.102)
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
D
2917
7343-31
7.30 (0.287)
4.30 (0.169)
2.90 (0.114)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
E
2917
7343-43
7.30 (0.287)
4.30 (0.169)
4.10 (0.162)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
F
2312
6032-20
6.00 (0.236)
3.20 (0.126)
2.00 (0.079) max.
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
P
0805
2012-15
2.05 (0.081)
1.35 (0.053)
1.50 (0.059) max.
1.0 ±0.1
0.50 (0.020)
0.85 (0.033)
(0.039 ±0.004)
R
0805
2012-12
2.05 (0.081)
1.30 (0.051)
1.20 (0.047) max.
1.0 ±0.1
0.50 (0.020)
0.85 (0.033)
(0.039 ±0.004)
S
1206
3216-12
3.20 (0.126)
1.60 (0.063)
1.20 (0.047) max.
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
T
1210
3528-12
3.50 (0.138)
2.80 (0.110)
1.20 (0.047) max.
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
V
2924
7361-38
7.30 (0.287)
6.10 (0.240)
3.45 ±0.30
3.10 (0.120)
1.40 (0.055)
4.40 (0.173)
(0.136 ±0.012)
W
2312
6032-15
6.00 (0.236)
3.20 (0.126)
1.50 (0.059) max.
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
X
2917
7343-15
7.30 (0.287)
4.30 (0.169)
1.50 (0.059) max.
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
Y
2917
7343-20
7.30 (0.287)
4.30 (0.169)
2.00 (0.079) max.
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
For part marking see page 131
107
Capacitance Code
pF code: 1st two
digits represent
significant figures,
3rd digit represents
multiplier (number of
zeros to follow)
M
Tolerance
K = ±10%
M = ±20%
010
Rated DC Voltage
002 = 2.5Vdc
004 = 4Vdc
006 = 6.3Vdc
010 = 10Vdc
016 = 16Vdc
020 = 20Vdc
025 = 25Vdc
035 = 35Vdc
050 = 50Vdc
R
Packaging
R = Lead Free 7" Reel
S = Lead Free 13" Reel
A = Gold Plating 7" Reel
B = Gold Plating 13" Reel
H = Tin Lead 7" Reel
(Contact Manufacturer)
K = Tin Lead 13" Reel
(Contact Manufacturer)
H, K = Non RoHS
0100
ESR in mΩ
• Low ESR series of robust Mn02 solid
electrolyte capacitors
• CV range: 0.15-1500μF / 2.5-50V
• 14 case sizes available
• Power supply applications
LEAD-FREE COMPATIBLE
COMPONENT
TPS
Type
C
Case Size
See table
above
Additional
characters may be
added for special
requirements
V = Dry pack Option
(selected codes only)
30


Similar Part No. - TPSC107K035A0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107K035A0100V AVX-TPSC107K035A0100V Datasheet
137Kb / 11P
   Low ESR
TPSC107K035A0100V AVX-TPSC107K035A0100V Datasheet
166Kb / 11P
   TPS Series
TPSC107K035A0100V AVX-TPSC107K035A0100V Datasheet
197Kb / 16P
   TPS Series
TPSC107K035A0100V AVX-TPSC107K035A0100V Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K035A0100V AVX-TPSC107K035A0100V Datasheet
146Kb / 11P
   TPS Series
More results

Similar Description - TPSC107K035A0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC336K016R0150 AVX-TPSC336K016R0150 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M016R0100 AVX-TPSD107M016R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSW226K016R0500 AVX-TPSW226K016R0500 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M020R0085 AVX-TPSD107M020R0085 Datasheet
152Kb / 11P
   TPS Series Low ESR
TPSD156K035R0100 AVX-TPSD156K035R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107K010R0050 AVX-TPSD107K010R0050 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107M010R0100 AVX-TPSD107M010R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD337K010R0150 AVX-TPSD337K010R0150 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSA684M025R6000 AVX-TPSA684M025R6000 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSE686K025R0125 AVX-TPSE686K025R0125 Datasheet
163Kb / 11P
   TPS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com