Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSV1080040025 Datasheet(PDF) 11 Page - AVX Corporation

Part # TPSV1080040025
Description  Low ESR series of robust Mn02 solid electrolyte capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSV1080040025 Datasheet(HTML) 11 Page - AVX Corporation

Back Button TPSV1080040025 Datasheet HTML 3Page - AVX Corporation TPSV1080040025 Datasheet HTML 4Page - AVX Corporation TPSV1080040025 Datasheet HTML 5Page - AVX Corporation TPSV1080040025 Datasheet HTML 6Page - AVX Corporation TPSV1080040025 Datasheet HTML 7Page - AVX Corporation TPSV1080040025 Datasheet HTML 8Page - AVX Corporation TPSV1080040025 Datasheet HTML 9Page - AVX Corporation TPSV1080040025 Datasheet HTML 10Page - AVX Corporation TPSV1080040025 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSD156*035#0100
D
15
35
5.3
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD156*035#0300
D
15
35
5.3
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSY156*035#0250
Y
15
35
5.3
6
250
1
1)
0.707
0.636
0.283
0.177
0.159
0.071
TPSD226*035#0125
D
22
35
7.7
6
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSD226*035#0200
D
22
35
7.7
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD226*035#0300
D
22
35
7.7
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSD226*035#0400
D
22
35
7.7
6
400
1
0.612
0.551
0.245
0.245
0.220
0.098
TPSE226*035#0125
E
22
35
7.7
6
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE226*035#0200
E
22
35
7.7
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSE226*035#0300
E
22
35
7.7
6
300
1
1)
0.742
0.667
0.297
0.222
0.200
0.089
TPSY226*035#0200
Y
22
35
7.7
6
200
1
1)
0.791
0.712
0.316
0.158
0.142
0.063
TPSD336*035#0200
D
33
35
11.6
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD336*035#0300
D
33
35
11.6
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSE336*035#0100
E
33
35
11.6
6
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE336*035#0250
E
33
35
11.6
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSE336*035#0300
E
33
35
11.6
6
300
1
1)
0.742
0.667
0.297
0.222
0.200
0.089
TPSV336*035#0200
V
33
35
11.6
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
TPSE476*035#0200
E
47
35
16.5
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSE476*035#0250
E
47
35
16.5
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSV476*035#0150
V
47
35
16.5
6
150
1
1)
1.291
1.162
0.516
0.194
0.174
0.077
TPSV476*035#0200
V
47
35
16.5
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
TPSV686*035#0150
V
68
35
23.8
6
150
1
1)
1.291
1.162
0.516
0.194
0.174
0.077
TPSV686*035#0200
V
68
35
23.8
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
50 Volt @ 85ºC (33 Volt @ 125ºC)
TPSA154*050#9000
A
0.15
50
0.5
4
9000
1
0.091
0.082
0.037
0.822
0.739
0.329
TPSA224*050#7000
A
0.22
50
0.5
4
7000
1
0.104
0.093
0.041
0.725
0.652
0.290
TPSA334*050#7000
A
0.33
50
0.5
4
7000
1
0.104
0.093
0.041
0.725
0.652
0.290
TPSA474*050#6500
A
0.47
50
0.5
4
6500
1
0.107
0.097
0.043
0.698
0.628
0.279
TPSB474*050#6000
B
0.47
50
0.5
4
6000
1
0.119
0.107
0.048
0.714
0.643
0.286
TPSC474*050#2300
C
0.47
50
0.5
4
2300
1
0.219
0.197
0.087
0.503
0.453
0.201
TPSB684*050#4000
B
0.68
50
0.5
4
4000
1
0.146
0.131
0.058
0.583
0.525
0.233
TPSB105*050#3000
B
1
50
0.5
6
3000
1
0.168
0.151
0.067
0.505
0.454
0.202
TPSC105*050#2500
C
1
50
0.5
4
2500
1
0.210
0.189
0.084
0.524
0.472
0.210
TPSC155*050#1500
C
1.5
50
0.8
6
1500
1
0.271
0.244
0.108
0.406
0.366
0.162
TPSC155*050#2000
C
1.5
50
0.8
6
2000
1
0.235
0.211
0.094
0.469
0.422
0.188
TPSC225*050#1500
C
2.2
50
1.1
8
1500
1
0.271
0.244
0.108
0.406
0.366
0.162
TPSD225*050#1200
D
2.2
50
1.1
6
1200
1
0.354
0.318
0.141
0.424
0.382
0.170
TPSC335*050#1000
C
3.3
50
1.6
6
1000
1
0.332
0.298
0.133
0.332
0.298
0.133
TPSD335*050#0800
D
3.3
50
1.7
6
800
1
0.433
0.390
0.173
0.346
0.312
0.139
TPSC475*050#0800
C
4.7
50
2.4
6
800
1
0.371
0.334
0.148
0.297
0.267
0.119
TPSD475*050#0300
D
4.7
50
2.4
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSD475*050#0500
D
4.7
50
2.4
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSD475*050#0700
D
4.7
50
2.4
6
700
1
0.463
0.417
0.185
0.324
0.292
0.130
TPSD685*050#0200
D
6.8
50
3.4
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD685*050#0300
D
6.8
50
3.4
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSD685*050#0500
D
6.8
50
3.4
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSD685*050#0600
D
6.8
50
3.4
6
600
1
0.500
0.450
0.200
0.300
0.270
0.120
TPSD106*050#0500
D
10
50
5
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSE106*050#0250
E
10
50
5
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSE106*050#0300
E
10
50
5
6
300
1
1)
0.742
0.667
0.297
0.222
0.200
0.089
TPSE106*050#0400
E
10
50
5
6
400
1
1)
0.642
0.578
0.257
0.257
0.231
0.103
TPSE106*050#0500
E
10
50
5
6
500
1
1)
0.574
0.517
0.230
0.287
0.259
0.115
TPSE156*050#0250
E
15
50
7.5
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSV156*050#0250
V
15
50
7.5
6
250
1
1)
1.000
0.900
0.400
0.250
0.225
0.100
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 120.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
40


Similar Part No. - TPSV1080040025

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSV1080040025 AVX-TPSV1080040025 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSV1080040025 AVX-TPSV1080040025 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSV1080040025 AVX-TPSV1080040025 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV1080040025 AVX-TPSV1080040025 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV1080040025 AVX-TPSV1080040025 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
More results

Similar Description - TPSV1080040025

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSB226M016R0600 AVX-TPSB226M016R0600 Datasheet
199Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSC107K006R0150 AVX-TPSC107K006R0150 Datasheet
163Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV107K020R0200 AVX-TPSV107K020R0200 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD107K016S0125 AVX-TPSD107K016S0125 Datasheet
162Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD226K025R0200 AVX-TPSD226K025R0200 Datasheet
159Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD227K010R0150 AVX-TPSD227K010R0150 Datasheet
162Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD227M010R0050 AVX-TPSD227M010R0050 Datasheet
205Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV107K025R0100 AVX-TPSV107K025R0100 Datasheet
197Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSX107K010R0150 AVX-TPSX107K010R0150 Datasheet
169Kb / 12P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSC227K006R0125 AVX-TPSC227K006R0125 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com