Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSV1080040035 Datasheet(PDF) 3 Page - AVX Corporation

Part # TPSV1080040035
Description  Low ESR series of robust Mn02 solid electrolyte capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSV1080040035 Datasheet(HTML) 3 Page - AVX Corporation

  TPSV1080040035 Datasheet HTML 1Page - AVX Corporation TPSV1080040035 Datasheet HTML 2Page - AVX Corporation TPSV1080040035 Datasheet HTML 3Page - AVX Corporation TPSV1080040035 Datasheet HTML 4Page - AVX Corporation TPSV1080040035 Datasheet HTML 5Page - AVX Corporation TPSV1080040035 Datasheet HTML 6Page - AVX Corporation TPSV1080040035 Datasheet HTML 7Page - AVX Corporation TPSV1080040035 Datasheet HTML 8Page - AVX Corporation TPSV1080040035 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
2.5 Volt @ 85ºC (1.7 Volt @ 125ºC)
TPSB107*002#0200
B
100
2.5
2.5
8
200
1
0.652
0.587
0.261
0.130
0.117
0.052
TPSB157*002#0150
B
150
2.5
3
10
150
1
0.753
0.677
0.301
0.113
0.102
0.045
TPSB227*002#0150
B
220
2.5
4.4
16
150
1
0.753
0.677
0.301
0.113
0.102
0.045
TPSB227*002#0200
B
220
2.5
4.4
16
200
1
0.652
0.587
0.261
0.130
0.117
0.052
TPSB227*002#0600
B
220
2.5
4.4
16
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPSD227*002#0045
D
220
2.5
5.5
8
45
1
1.826
1.643
0.730
0.082
0.074
0.033
TPSY337*002#0040
Y
330
2.5
8.2
8
40
1
1)
1.768
1.591
0.707
0.071
0.064
0.028
TPSD477*002#0035
D
470
2.5
11.6
8
35
1
2.070
1.863
0.828
0.072
0.065
0.029
TPSF477*002#0200
F
470
2.5
11.8
12
200
1
0.707
0.636
0.283
0.141
0.127
0.057
TPSY477*002#0100
Y
470
2.5
11
12
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSD687*002#0035
D
680
2.5
17
16
35
1
2.070
1.863
0.828
0.072
0.065
0.029
TPSD687*002#0050
D
680
2.5
17
16
50
1
1.732
1.559
0.693
0.087
0.078
0.035
TPSE687*002#0035
E
680
2.5
17
10
35
1
1)
2.171
1.954
0.868
0.076
0.068
0.030
TPSE687*002#0050
E
680
2.5
17
10
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSY687*002#0100
Y
680
2.5
17
12
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSE108*002#0030
E
1000
2.5
25
14
30
1
1)
2.345
2.111
0.938
0.070
0.063
0.028
TPSE108*002#0040
E
1000
2.5
25
14
40
1
1)
2.031
1.828
0.812
0.081
0.073
0.032
TPSY108M002#0100
Y
1000
2.5
25
30
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSD158*002#0100
D
1500
2.5
37.5
60
100
1
1.125
1.102
0.490
0.122
0.110
0.049
TPSE158*002#0050
E
1500
2.5
37.5
20
50
1
1)
1.817
1.635
0.727
0.001
0.082
0.036
TPSV158M002#0030
V
1500
2.5
30
20
30
1
1)
2.887
2.598
1.155
0.087
0.078
0.035
TPSV158M002#0040
V
1500
2.5
30
20
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
4 Volt @ 85ºC (2.7 Volt @ 125ºC)
TPSR106*004#3000
R
10
4
0.5
6
3000
1
0.135
0.122
0.054
0.406
0.366
0.162
TPSA476*004#0500
A
47
4
1.9
8
500
1
0.387
0.349
0.155
0.194
0.174
0.077
TPSB107*004#0200
B
100
4
4
8
200
1
0.652
0.587
0.261
0.130
0.117
0.052
TPSB107*004#0250
B
100
4
4
8
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB107*004#0350
B
100
4
4
8
350
1
0.493
0.444
0.197
0.172
0.155
0.069
TPSB107*004#0500
B
100
4
4
8
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSW107*004#0100
W
100
4
4
6
100
1
0.949
0.854
0.379
0.095
0.085
0.038
TPSB157*004#0250
B
150
4
6
10
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSC157*004#0070
C
150
4
6
6
70
1
1.254
1.128
0.501
0.088
0.079
0.035
TPSC157*004#0080
C
150
4
6
6
80
1
1.173
1.055
0.469
0.094
0.084
0.038
TPSD227*004#0040
D
220
4
8.8
8
40
1
1.936
1.743
0.775
0.077
0.070
0.031
TPSD227*004#0050
D
220
4
8.8
8
50
1
1.732
1.559
0.693
0.087
0.078
0.035
TPSD227*004#0100
D
220
4
8.8
8
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSY227*004#0040
Y
220
4
8.8
8
40
1
1)
1.768
1.591
0.707
0.071
0.064
0.028
TPSY227*004#0050
Y
220
4
8.8
8
50
1
1)
1.581
1.423
0.632
0.095
0.085
0.038
TPSY227*004#0075
Y
220
4
8.8
8
75
1
1)
1.291
1.162
0.516
0.097
0.087
0.039
TPSC337*004#0100
C
330
4
13.2
8
100
1
1.049
0.944
0.420
0.105
0.094
0.042
TPSD337*004#0035
D
330
4
13.2
8
35
1
2.070
1.863
0.828
0.072
0.065
0.029
TPSD337*004#0045
D
330
4
13.2
8
45
1
1.826
1.643
0.730
0.082
0.074
0.033
TPSD337*004#0100
D
330
4
13.2
8
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSF337*004#0200
F
330
4
13.2
10
200
1
0.707
0.636
0.283
0.141
0.127
0.057
TPSX337*004#0100
X
330
4
13.2
8
100
1
1)
1.000
0.900
0.400
0.100
0.090
0.040
TPSD477*004#0045
D
470
4
18.8
12
45
1
1.826
1.643
0.730
0.082
0.074
0.033
TPSD477*004#0100
D
470
4
18.8
12
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSE477*004#0035
E
470
4
18.8
10
35
1
1)
2.171
1.954
0.868
0.076
0.068
0.030
TPSE477*004#0045
E
470
4
18.8
10
45
1
1)
1.915
1.723
0.766
0.086
0.078
0.034
TPSE477*004#0100
E
470
4
18.8
10
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSD687*004#0045
D
680
4
27.2
14
45
1
1.915
1.643
0.730
0.082
0.074
0.033
TPSD687*004#0060
D
680
4
27.2
14
60
1
1.581
1.423
0.632
0.095
0.085
0.038
TPSD687*004#0100
D
680
4
27.2
14
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSE687*004#0040
E
680
4
27.2
10
40
1
1)
2.031
1.828
0.812
0.081
0.073
0.032
TPSE687*004#0060
E
680
4
27.2
10
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSE687*004#0100
E
680
4
27.2
10
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE108*004#0040
E
1000
4
40
14
40
1
1)
2.031
1.828
0.812
0.081
0.073
0.032
TPSE108*004#0060
E
1000
4
40
14
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSV108*004#0025
V
1000
4
40
16
25
1
1)
3.162
2.846
1.265
0.079
0.071
0.032
TPSV108*004#0035
V
1000
4
40
16
35
1
1)
2.673
2.405
1.069
0.094
0.084
0.037
TPSV108*004#0040
V
1000
4
40
16
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV108*004#0050
V
1000
4
40
16
50
1
1)
2.236
2.012
0.894
0.112
0.101
0.045
TPSE158*004#0050
E
1500
4
60
30
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSE158*004#0075
E
1500
4
60
30
75
1
1)
1.483
1.335
0.593
0.111
0.100
0.044
TPSV158M004#0050
V
1500
4
60
30
50
1
1)
2.236
2.012
0.894
0.112
0.101
0.045
TPSV158M004#0075
V
1500
4
60
30
75
1
1)
1.826
1.643
0.730
0.137
0.123
0.055
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 120.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
32


Similar Part No. - TPSV1080040035

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSV1080040035 AVX-TPSV1080040035 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSV1080040035 AVX-TPSV1080040035 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSV1080040035 AVX-TPSV1080040035 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV1080040035 AVX-TPSV1080040035 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV1080040035 AVX-TPSV1080040035 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
More results

Similar Description - TPSV1080040035

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSB226M016R0600 AVX-TPSB226M016R0600 Datasheet
199Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSC107K006R0150 AVX-TPSC107K006R0150 Datasheet
163Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV107K020R0200 AVX-TPSV107K020R0200 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD107K016S0125 AVX-TPSD107K016S0125 Datasheet
162Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD226K025R0200 AVX-TPSD226K025R0200 Datasheet
159Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD227K010R0150 AVX-TPSD227K010R0150 Datasheet
162Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSD227M010R0050 AVX-TPSD227M010R0050 Datasheet
205Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSV107K025R0100 AVX-TPSV107K025R0100 Datasheet
197Kb / 16P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSX107K010R0150 AVX-TPSX107K010R0150 Datasheet
169Kb / 12P
   Low ESR series of robust Mn02 solid electrolyte capacitors
TPSC227K006R0125 AVX-TPSC227K006R0125 Datasheet
146Kb / 11P
   Low ESR series of robust Mn02 solid electrolyte capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com