Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13050ASA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX13050ASA
Description  Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13050ASA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX13050ASA Datasheet HTML 1Page - Maxim Integrated Products MAX13050ASA Datasheet HTML 2Page - Maxim Integrated Products MAX13050ASA Datasheet HTML 3Page - Maxim Integrated Products MAX13050ASA Datasheet HTML 4Page - Maxim Integrated Products MAX13050ASA Datasheet HTML 5Page - Maxim Integrated Products MAX13050ASA Datasheet HTML 6Page - Maxim Integrated Products MAX13050ASA Datasheet HTML 7Page - Maxim Integrated Products MAX13050ASA Datasheet HTML 8Page - Maxim Integrated Products MAX13050ASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MAX13050/MAX13052/MAX13053/MAX13054
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
3
Maxim Integrated
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V ±5%, VCC2 = +3V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V, VCC2 = +3.3V,
RL = 60
Ω, and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Dominant, VTXD = 0, 45
Ω ≤ RL ≤ 60Ω
1.5
3.0
V
Differential Output
(VCANH - VCANL)
VDIFF
Recessive, VTXD = VCC, no load
-50
+50
mV
CANH Short-Circuit Current
ICANHSC
VCANH = 0, VTXD = 0
-100
-70
-45
mA
VCANL = 5V, VTXD = 0
406090
VCANL = 40V, VTXD = 0 (Note 2)
40
60
90
CANL Short-Circuit Current
ICANLSC
VCANL = 76V, VTXD = 0
63
mA
RXD OUTPUT LEVELS
I = -100µA
0.8 x
VCC
VCC
RXD High-Output-Voltage Level
VOH
I = -100µA (MAX13054)
0.8 x
VCC2
VCC2
V
RXD Low-Output-Voltage Level
VOL
I = 5mA
0.4
V
COMMON-MODE STABILIZATION (SPLIT) and REF
Output Voltage
VSPLIT
Normal mode,
-500µA
≤ ISPLIT ≤ 500µA
0.3 x
VCC
0.7 x
VCC
V
Standby mode, -40V
≤ VSPLIT ≤ +40V
20
Leakage Current
ILEAK
Standby mode, -76V
≤ VSPLIT ≤ +76V
50
µA
REF Output Voltage
VREF
-50µA
≤ IREF ≤ +50µA (MAX13053)
0.45 x
VCC
0.55 x
VCC
V
DC BUS RECEIVER (VTXD = VCC, CANH and CANL externally driven)
-12V
≤ VCM ≤ +12V
0.5
0.7
0.9
Differential Input Voltage
VDIFF
MAX13050/MAX13052/MAX13054
-12V
≤ VCM ≤ +12V (standby mode)
0.50
1.15
V
Differential Input Hysteresis
VDIFF(HYST) Normal mode, -12V
≤ VCM ≤ +12V
70
mV
Common-Mode Input Resistance
RICM
Normal or standby mode,
VCANH = VCANL = ±12V
15
35
k
Matching Between CANH and
CANL Common-Mode Input
Resistance
RIC_MATCH VCANH = VCANL
-3
+3
%
Differential Input Resistance
RDIFF
Normal or standby mode,
VCANH - VCANL = 1V
25
75
k
Common-Mode Input
Capacitance
CIM
VTXD = VCC
20
pF
Differential Input Capacitance
VTXD = VCC
10
pF
Input Leakage Current
ILI
VCC = 0, VCANH = VCANL = 5V
-5
+5
µA
SLOPE CONTROL RS (MAX13052)
Input Voltage for High Speed
VIL_RS
0.3 x
VCC
V


Similar Part No. - MAX13050ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13050ASA MAXIM-MAX13050ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
MAX13050ASA/AUT MAXIM-MAX13050ASA/AUT Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
More results

Similar Description - MAX13050ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13050 MAXIM-MAX13050 Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX13052ASA MAXIM-MAX13052ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
MAX13051 MAXIM-MAX13051_14 Datasheet
249Kb / 12P
   ±80V Fault-Protected Can Transceiver with Autobaud
Rev 1; 10/12
MAX13041 MAXIM-MAX13041_08 Datasheet
207Kb / 20P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
MAX13041 MAXIM-MAX13041 Datasheet
275Kb / 21P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 1; 11/07
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
   USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
Agilent(Hewlett-Packard...
HFBR-5111 HP-HFBR-5111 Datasheet
287Kb / 15P
   Low Cost, Industry Standard FDDI MIC Transceivers
logo
Texas Instruments
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com