Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15023ETG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15023ETG
Description  Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15023ETG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15023ETG Datasheet HTML 5Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 6Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 7Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 8Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 9Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 10Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 11Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 12Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Pin Description
PIN
NAME
FUNCTION
1
FB1
Feedback Input for Regulator 1. Connect FB1 to a resistive divider between Output 1 and SGND to adjust
the output voltage between 0.6V and (0.85 x input voltage (V)). See the Setting the Output Voltage section.
2
EN1
Active-High Enable Input for Regulator 1. When the voltage at EN1 exceeds 1.2V (typ), the controller begins
regulating OUT1. When the voltage falls below 1.05V (typ), the regulator is turned off. The EN1 input can be
used for power sequencing and as a secondary UVLO. Connect EN1 to VCC for always-on applications.
3
EN2
Active-High Enable Input for Regulator 2. When the voltage at EN2 exceeds 1.2V (typ), the controller begins
regulating OUT2. When the voltage falls below 1.05V (typ), the regulator is turned off. The EN2 input can be
used for power sequencing and as a secondary UVLO. Connect EN2 to VCC for always-on applications.
4
PGOOD1
Power-Good Output (Open Drain) for Channel 1. To obtain a logic signal, pull up PGOOD1 with an external
resistor connected to a positive voltage below 28V.
5
DL1
Low-Side Gate-Driver Output for Regulator 1. DL1 swings from VCC to PGND1. DL1 is low before VCC
reaches the UVLO rising threshold voltage.
6
PGND1
Low-Side Gate-Driver Supply Return (Regulator 1). Connect to the source of the low-side MOSFET of
Regulator 1.
7
LX1
External Inductor Connection for Regulator 1. Connect LX1 to the switched side of the inductor. LX1 serves
as the lower supply rail for the DH1 high-side gate driver and as sensing input of the synchronous
MOSFET’s VDS drop (drain terminal).
8
BST1
Boost Flying-Capacitor Connection for Regulator 1. Connect a ceramic capacitor with a minimum value of
100nF between BST1 and LX1.
9
DH1
High-Side Gate-Driver Output for Regulator 1. DH1 swings from LX1 to BST1. DH1 is low before VCC
reaches the UVLO rising threshold voltage.
10
DH2
High-Side Gate-Driver Output for Regulator 2. DH2 swings from LX2 to BST2. DH2 is low before VCC
reaches the UVLO rising threshold voltage.
11
BST2
Boost Flying-Capacitor Connection for Regulator 2. Connect a ceramic capacitor with a minimum value of
100nF between BST2 and LX2.
12
LX2
External Inductor Connection for Regulator 2. Connect LX2 to the switched side of the inductor. LX2 serves
as the lower supply rail for the DH2 high-side gate driver and as sensing input of the synchronous
MOSFET’s VDS drop (drain terminal).
MAX15023
Wide 4.5V to 28V Input, Dual-Output
Synchronous Buck Controller
9
Maxim Integrated


Similar Part No. - MAX15023ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15023ETG MAXIM-MAX15023ETG Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG++ MAXIM-MAX15023ETG+ Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
More results

Similar Description - MAX15023ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15023 MAXIM-MAX15023_11 Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023 MAXIM-MAX15023 Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
MAX15026 MAXIM-MAX15026_12 Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026_11 Datasheet
357Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 3; 4/11
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com