Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP12N10E Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTP12N10E
Description  TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.16 OHM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP12N10E Datasheet(HTML) 2 Page - Motorola, Inc

  MTP12N10E Datasheet HTML 1Page - Motorola, Inc MTP12N10E Datasheet HTML 2Page - Motorola, Inc MTP12N10E Datasheet HTML 3Page - Motorola, Inc MTP12N10E Datasheet HTML 4Page - Motorola, Inc MTP12N10E Datasheet HTML 5Page - Motorola, Inc MTP12N10E Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MTP12N10E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0, ID = 250 µAdc)
Temperature Coefficient (positive)
V(BR)DSS
100
110
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 100 V, VGS = 0)°
(VDS = 100 V, VGS = 0, TJ = 150°C)
IDSS
10
100
µA
Gate–Body Leakage Current, Forward (VGSF = 20 Vdc, VDS = 0)
IGSSF
100
nAdc
Gate–Body Leakage Current, Reverse (VGSR = 20 Vdc, VDS = 0)
IGSSR
100
nAdc
ON CHARACTERISTICS*
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (negative)
µ
VGS(th)
2.0
3.0
6.0
4.0
Vdc
mV/
°C
Static Drain–Source On–Resistance (VGS = 10 Vdc, ID = 6.0 Adc)
RDS(on)
0.125
0.16
Ohm
Drain–Source On–Voltage (VGS = 10 Vdc)
(ID = 12 Adc)°
(ID = 6.0 Adc, TJ = 150°C)
VDS(on)
1.5
1.4
2.4
1.92
Vdc
Forward Transconductance (VDS ≥ 15 V, ID = 6.0 A)
g
FS
4.0
5.0
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 V, VGS = 0,
f = 1.0 MHz)
See Figure 14
Ciss
600
pF
Reverse Transfer Capacitance
(VDS = 25 V, VGS = 0,
f = 1.0 MHz)
See Figure 14
Crss
70
Output Capacitance
See Figure 14
Coss
230
SWITCHING CHARACTERISTICS (TJ = 100°C)
Turn–On Delay Time
(VDD = 50 V, ID = 12 A,
VGS = 10 V, RG = 12 Ω)
See Figure 7
td(on)
10
ns
Rise Time
(VDD = 50 V, ID = 12 A,
VGS = 10 V, RG = 12 Ω)
See Figure 7
tr
64
Turn–Off Delay Time
VGS = 10 V, RG = 12 Ω)
See Figure 7
td(off)
21
Fall Time
tf
30
Gate Charge
(VDS = 80 V, ID = 12 A,
VGS = 10 Vdc)
See Figures 5 and 6
QT
18
26
nC
(VDS = 80 V, ID = 12 A,
VGS = 10 Vdc)
See Figures 5 and 6
Q1
4.0
VGS = 10 Vdc)
See Figures 5 and 6
Q2
10
Q3
8.0
SOURCE–DRAIN DIODE CHARACTERISTICS*
Forward On–Voltage
(IS = 12 A, VGS = 0)
(IS = 12 A, VGS = 0, TJ = 150°C)
VSD
1.0
2.5
Vdc
(IS = 12 A, VGS = 0)
(IS = 12 A, VGS = 0, TJ = 150°C)
0.83
Reverse Recovery Time
(IS = 12 A, VGS = 0,
dIS/dt = 100 A/µs, VR = 50 V)
trr
110
ns
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
Ld
3.5
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
Ls
7.5
* Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%.


Similar Part No. - MTP12N10E

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MTP12N10E NJSEMI-MTP12N10E Datasheet
99Kb / 2P
   Power Field Effect Transistor
MTP12N10E NJSEMI-MTP12N10E Datasheet
99Kb / 2P
   Power Field Effect Transistor
More results

Similar Description - MTP12N10E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP20N20E MOTOROLA-MTP20N20E Datasheet
203Kb / 8P
   TMOS POWER FET 20 AMPERES 200 VOLTS RDS(on) = 0.16 OHM
MTW24N40E MOTOROLA-MTW24N40E Datasheet
174Kb / 8P
   TMOS POWER FET 24 AMPERES 400 VOLTS RDS(on) = 0.16 OHM
MTP12P10 MOTOROLA-MTP12P10 Datasheet
190Kb / 6P
   TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
MTSF1P02HD MOTOROLA-MTSF1P02HD Datasheet
342Kb / 12P
   SINGLE TMOS POWER FET 1.8 AMPERES 20 VOLTS RDS(on) = 0.16 OHM
MTY100N10E MOTOROLA-MTY100N10E Datasheet
216Kb / 8P
   TMOS POWER FET 100 AMPERES 100 VOLTS RDS(on) = 0.011 OHM
MTP3055V MOTOROLA-MTP3055V Datasheet
160Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
MTD2955E MOTOROLA-MTD2955E Datasheet
243Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.3 OHM
MTD2955V MOTOROLA-MTD2955V Datasheet
148Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.230 OHM
MTD3055VL MOTOROLA-MTD3055VL Datasheet
209Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.18 OHM
MTP12N06EZL MOTOROLA-MTP12N06EZL Datasheet
222Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.180 OHM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com