Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP77NBC Datasheet(PDF) 10 Page - Analog Devices

Part # OP77NBC
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77NBC Datasheet(HTML) 10 Page - Analog Devices

Back Button OP77NBC Datasheet HTML 6Page - Analog Devices OP77NBC Datasheet HTML 7Page - Analog Devices OP77NBC Datasheet HTML 8Page - Analog Devices OP77NBC Datasheet HTML 9Page - Analog Devices OP77NBC Datasheet HTML 10Page - Analog Devices OP77NBC Datasheet HTML 11Page - Analog Devices OP77NBC Datasheet HTML 12Page - Analog Devices OP77NBC Datasheet HTML 13Page - Analog Devices OP77NBC Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP77
Rev. E | Page 10 of 16
TEST CIRCUITS
OP77
200k
VO
50
VOS =
VO
4000
Figure 21. Typical Offset Voltage Test Circuit
INPUT REFERRED NOISE =
VO
25,000
OP77
2.5M
V+
V–
OUTPUT
100
100
3.3k
4.7µF
(
≈10Hz FILTER)
7
6
4
2
3
Figure 22. Typical Low-Frequency Noise Test Circuit
OP77
V+
OUTPUT
V–
20k
INPUT
+
1
8
7 6
4
2
3
Figure 23. Optional Offset Nulling Circuit
OP77
100k
+18V
–18V
7
6
4
2
3
+
10µF
+
10µF
0.1µF
0.1µF
*
*
10
10
10k
10k
NOTES
*1 PER BOARD
Figure 24. Burn-In Circuit
1M
RL
VX
10
10k
100k
VIN = ±10V
TYPICALPRECISION
OP AMP
VY
VX
–10V
0V
+10V
NOTES
1. GAIN NOT CONSISTANT. CAUSES NONLINEAR ERRORS.
2.AVO SPEC IS ONLY PART OF THE SOLUTION.
3. CHECK SPECIFICATION TABLE 1 AND TABLE 2 FOR PERFORMANCE.
AVO
650V/mV
RL = 2kΩ
Figure 25. Open-Loop Gain Linearity
Actual open-loop voltage gain can vary greatly at various output
voltages. All automated testers use endpoint testing and therefore
only show the average gain. This causes errors in high closed-
loop gain circuits. Because this is difficult for manufacturers to
test, users should make their own evaluations. This simple test
circuit makes it easy. An ideal op amp would show a horizontal
scope trace.
VY
VX
–10V
0V
+10V
Figure 26. Output Gain Linearity Trace
This is the output gain linearity trace for the new OP77. The
output trace is virtually horizontal at all points, assuring
extremely high gain accuracy. The average open-loop gain is
truly impressive—approximately 10,000,000.


Similar Part No. - OP77NBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77NBC AD-OP77NBC Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77NBC AD-OP77NBC Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
More results

Similar Description - OP77NBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77AZ AD-OP77AZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77 AD-OP77_15 Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
5962-8773802PA AD-5962-8773802PA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77_02 Datasheet
317Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
REV. C
OP07 AD-OP07_15 Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07DZ AD-OP07DZ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07Z AD-OP07Z Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com