Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8X8ES2 Datasheet(PDF) 1 Page - Littelfuse

Part # S8X8ES2
Description  SxX8xSx EV Series 0.8A Sensitive SCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S8X8ES2 Datasheet(HTML) 1 Page - Littelfuse

  S8X8ES2 Datasheet HTML 1Page - Littelfuse S8X8ES2 Datasheet HTML 2Page - Littelfuse S8X8ES2 Datasheet HTML 3Page - Littelfuse S8X8ES2 Datasheet HTML 4Page - Littelfuse S8X8ES2 Datasheet HTML 5Page - Littelfuse S8X8ES2 Datasheet HTML 6Page - Littelfuse S8X8ES2 Datasheet HTML 7Page - Littelfuse S8X8ES2 Datasheet HTML 8Page - Littelfuse S8X8ES2 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
145
www.littelfuse.com
©2008 Littelfuse
Power Thyristor Databook
Teccor® brand Thyristors
Silicon Controlled Rectifiers
SxX8xSx EV Series 0.8A Sensitive SCR
SxX8xSx EV Series 0.8A Sensitive SCR
New device series offers high static dv/dt and lower turn
off (t
q) sensitive SCR with its small die planar construction
SCRs junctions are glass-passivated to ensure long term
reliability and parametric stability.
Description
Features
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
TO-92
T
C = 55°C
0.8
A
SOT-89
T
C = 60°C
0.8
A
SOT-223
T
L = 60°C
0.8
A
I
T(AV)
Average on-state current
TO-92
T
C = 55°C
0.51
A
SOT-89
T
C = 60°C
0.51
A
SOT-223
T
L = 60°C
0.51
A
I
TSM
Non repetitive surge peak on-state current
(Single cycle, T
J initial = 25°C)
TO-92
SOT-89
SOT-223
F= 50Hz
8
A
F= 60Hz
10
A
I2tI2t Value for fusing
t
p = 10 ms
F = 50 Hz
0.32
A2s
t
p = 8.3 ms
F = 60 Hz
0.41
A2s
di/dt
Critical rate of rise of on-state current I = 10mA
TO-92
SOT-89
SOT-223
T
J = 125°C
50
A/μs
I
t
p = 10 μs
T
J = 125°C
1.0
A
P
Average gate power dissipation
T
J = 125°C
0.1
W
T
stg
Storage junction temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
Main Features
Symbol
Value
Unit
I
T(RMS)
0.8
A
V
DRM /VRRM
400 to 800
V
I
5 to 200
μA
A
K
G
Schematic Symbol
x
applications.
Applications
mount packages
capability > 10Amps
( V
DRM / VRRM )
capability - up to 800V
q)
< 25 μsec
microprocessor interface


Similar Part No. - S8X8ES2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8ES2 LITTELFUSE-S8X8ES2 Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
S8X8ES2 LITTELFUSE-S8X8ES2 Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S8X8ES2 LITTELFUSE-S8X8ES2 Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
More results

Similar Description - S8X8ES2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8TS2RP LITTELFUSE-S8X8TS2RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S8X8TS1RP LITTELFUSE-S8X8TS1RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S6X8TS2RP LITTELFUSE-S6X8TS2RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S4X8BSRP LITTELFUSE-S4X8BSRP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S4X8ES LITTELFUSE-S4X8ES Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
logo
Micro Electronics
MCR100 MICRO-ELECTRONICS-MCR100 Datasheet
81Kb / 2P
   0.8A SCR
logo
JIEJIE MICROELECTRONICS...
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
   0.8A SENSITIVE SCRs
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
   0.8A Sensitive SCRs
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com