Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA30ARLG Datasheet(PDF) 2 Page - ON Semiconductor

Part # SA30ARLG
Description  500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA30ARLG Datasheet(HTML) 2 Page - ON Semiconductor

  SA30ARLG Datasheet HTML 1Page - ON Semiconductor SA30ARLG Datasheet HTML 2Page - ON Semiconductor SA30ARLG Datasheet HTML 3Page - ON Semiconductor SA30ARLG Datasheet HTML 4Page - ON Semiconductor SA30ARLG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SA5.0A Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (Note 1) @ TL ≤ 25°C
PPK
500
W
Steady State Power Dissipation @ TL ≤ 25°C, Lead Length = 3/8 in
Derated above TL = 50°C
PD
3.0
30
W
mW/°C
Thermal Resistance, Junction−to−Lead
RqJL
33.3
°C/W
Forward Surge Current (Note 2) @ TA = 25°C
IFSM
70
A
Operating and Storage Temperature Range
TJ, Tstg
− 55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Nonrepetitive current pulse per Figure 4 and derated above TA = 25°C per Figure 5.
2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless
otherwise noted, VF = 3.5 V Max. @ IF (Note 6) = 35 A)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Variation of VBR
IF
Forward Current
VF
Forward Voltage @ IF
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF


Similar Part No. - SA30ARLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA30ARLG ONSEMI-SA30ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA30ARLG ONSEMI-SA30ARLG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener
October, 2009 ??Rev. 13
SA30ARLG ONSEMI-SA30ARLG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORBZener
October, 2009 ??Rev. 13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com