Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD621SQ883B2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD621SQ883B2
Description  Low Drift, Low Power Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621SQ883B2 Datasheet(HTML) 4 Page - Analog Devices

  AD621SQ883B2 Datasheet HTML 1Page - Analog Devices AD621SQ883B2 Datasheet HTML 2Page - Analog Devices AD621SQ883B2 Datasheet HTML 3Page - Analog Devices AD621SQ883B2 Datasheet HTML 4Page - Analog Devices AD621SQ883B2 Datasheet HTML 5Page - Analog Devices AD621SQ883B2 Datasheet HTML 6Page - Analog Devices AD621SQ883B2 Datasheet HTML 7Page - Analog Devices AD621SQ883B2 Datasheet HTML 8Page - Analog Devices AD621SQ883B2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD621
REV. B
–4–
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic Package:
θ
JA = 95
°C/W
8-Lead Cerdip Package:
θ
JA = 110
°C/W
8-Lead SOIC Package:
θ
JA = 155
°C/W
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation2 . . . . . . . . . . . . . . . . . . . . 650 mW
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±25 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD621 (A, B) . . . . . . . . . . . . . . . . . . . . . . – 40
°C to +85°C
AD621 (S) . . . . . . . . . . . . . . . . . . . . . . . . – 55
°C to +125°C
Lead Temperature Range
(Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . 300
°C
ESD SUSCEPTIBILITY
ESD (electrostatic discharge) sensitive device. Electrostatic
charges as high as 4000 volts, which readily accumulate on the
human body and on test equipment, can discharge without
detection. Although the AD621 features proprietary ESD pro-
tection circuitry, permanent damage may still occur on these
devices if they are subjected to high energy electrostatic dis-
charges. Therefore, proper ESD precautions are recommended
to avoid any performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
1
AD621AN
– 40
°C to +85°C 8-Lead Plastic DIP
N-8
AD621BN
– 40
°C to +85°C 8-Lead Plastic DIP
N-8
AD621AR
– 40
°C to +85°C 8-Lead Plastic SOIC R-8
AD621BR
– 40
°C to +85°C 8-Lead Plastic SOIC R-8
AD621SQ/883B
2 –55
°C to +125°C 8-Lead Cerdip
Q-8
AD621ACHIPS
–40
°C to +85°C Die
NOTES
1N = Plastic DIP; Q = Cerdip; R = SOIC.
2See Analog Devices’ military data sheet for 883B specifications.
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
1.125 (3.57)
0.0708
(2.545)
5
REFERENCE
RG 1
RG 8
+VS
7
4 –VS
2
–IN
3
+IN
OUTPUT
6


Similar Part No. - AD621SQ883B2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD621SQ/883B AD-AD621SQ/883B Datasheet
530Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
More results

Similar Description - AD621SQ883B2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_15 Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621_16 Datasheet
619Kb / 17P
   Low Drift, Low Power Instrumentation Amplifier
AD621BNZ AD-AD621BNZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD621 AD-AD621 Datasheet
530Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
Burr-Brown (TI)
3626 BURR-BROWN-3626 Datasheet
295Kb / 4P
   Low Drift INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
   Low Gain Drift Precision Instrumentation Amplifier
AD8428 AD-AD8428 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
ADA4254 AD-ADA4254 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com