Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD711KN Datasheet(PDF) 3 Page - Analog Devices

Part # AD711KN
Description  Precision, Low Cost, High Speed, BiFET Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD711KN Datasheet(HTML) 3 Page - Analog Devices

  AD711KN Datasheet HTML 1Page - Analog Devices AD711KN Datasheet HTML 2Page - Analog Devices AD711KN Datasheet HTML 3Page - Analog Devices AD711KN Datasheet HTML 4Page - Analog Devices AD711KN Datasheet HTML 5Page - Analog Devices AD711KN Datasheet HTML 6Page - Analog Devices AD711KN Datasheet HTML 7Page - Analog Devices AD711KN Datasheet HTML 8Page - Analog Devices AD711KN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. E
AD711
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2 . . . . . . . . . . . . . . . . . . . . . 500 mW
Input Voltage
3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (Q, H) . . . . . . . –65
∞C to +150∞C
Storage Temperature Range (N) . . . . . . . . . . –65
∞C to +125∞C
Operating Temperature Range
AD711J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
∞C to +70∞C
AD711A/B/C . . . . . . . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
AD711S/T . . . . . . . . . . . . . . . . . . . . . . . . . –55
∞C to +125∞C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
∞C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Thermal Characteristics:
8-Pin Plastic Package:
qJC = 33∞C/Watt; qJA = 100∞C/Watt
8-Pin Cerdip Package:
qJC = 22∞C/Watt; qJA = 110∞C/Watt
8-Pin Metal Can Package:
qJC = 65∞C/Watt; qJA = 150∞C/Watt
8-Pin SOIC Package:
qJC = 43∞C/Watt; qJA = 160∞C/Watt
3For supply voltages less than
±18 V, the absolute maximum input voltage is equal
to the supply voltage.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option*
*AD711AH
–40
∞C to +85∞C
8-Pin Metal Can
H-08A
AD711AQ
–40
∞C to +85∞C
8-Pin Ceramic DIP
Q-8
*AD711BQ
–40
∞C to +85∞C
8-Pin Ceramic DIP
Q-8
*AD711CH
–40
∞C to +85∞C
8-Pin Metal Can
H-08A
AD711JN
0
∞C to 70∞C
8-Pin Plastic DIP
N-8
AD711JR
0
∞C to 70∞C
8-Pin Plastic SOIC
RN-8
AD711JR-REEL
0
∞C to 70∞C
8-Pin Plastic SOIC
RN-8
AD711JR-REEL7
0
∞C to 70∞C
8-Pin Plastic SOIC
RN-8
AD711KN
0
∞C to 70∞C
8-Pin Plastic DIP
N-8
AD711KR
0
∞C to 70∞C
8-Pin Plastic SOIC
RN-8
AD711KR-REEL
0
∞C to 70∞C
8-Pin Plastic SOIC
RN-8
AD711KR-REEL7
0
∞C to 70∞C
8-Pin Plastic SOIC
RN-8
*AD711SQ/883B
–55
∞C to +125∞C
8-Pin Ceramic DIP
Q-8
*AD711TQ/883B
–55
∞C to +125∞C
8-Pin Ceramic DIP
Q-8
*Not for new design, obsolete April 2002
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD711 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.


Similar Part No. - AD711KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711KN AD-AD711KN Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711KN AD-AD711KN Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711KN AD-AD711KN Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711KN AD-AD711KN Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results

Similar Description - AD711KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com