Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5064BRUZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5064BRUZ
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5064BRUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5064BRUZ Datasheet HTML 2Page - Analog Devices AD5064BRUZ Datasheet HTML 3Page - Analog Devices AD5064BRUZ Datasheet HTML 4Page - Analog Devices AD5064BRUZ Datasheet HTML 5Page - Analog Devices AD5064BRUZ Datasheet HTML 6Page - Analog Devices AD5064BRUZ Datasheet HTML 7Page - Analog Devices AD5064BRUZ Datasheet HTML 8Page - Analog Devices AD5064BRUZ Datasheet HTML 9Page - Analog Devices AD5064BRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5024/AD5044/AD5064
Data Sheet
Rev. F | Page 6 of 28
t4
t3
SCLK
SYNC
DIN
t1
t2
t5
t6
t7
t8
DB31
t9
t10
t11
LDAC1
LDAC2
t13
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
CLR
t12
t14
VOUT
DB0
Figure 4. Serial Write Operation
t8
t4
t6
t15
t18
t16
t17
t10
t5
32
64
SCLK
SYNC
DIN
SDO
UNDEFINED
INPUT WORD FOR DAC N
INPUT WORD FOR DAC N
INPUT WORD FOR DAC N + 1
DB0
DB31
DB0
DB31
DB31
DB0
t18
t12
LDAC1
1IF IN DAISY-CHAIN MODE, LDAC MUST BE USED ASYNCHRONOUSLY.
CLR
Figure 5. Daisy-Chain Timing Diagram


Similar Part No. - AD5064BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5064BRUZ AD-AD5064BRUZ Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5064BRUZ AD-AD5064BRUZ Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5064BRUZ-1REEL7 AD-AD5064BRUZ-1REEL7 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5064BRUZ-REEL7 AD-AD5064BRUZ-REEL7 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
More results

Similar Description - AD5064BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5025 AD-AD5025_08 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5065 AD-AD5065_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5045 AD-AD5045_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com