Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491B157M2R5006AT Datasheet(PDF) 7 Page - Kemet Corporation

Part # T491B157M2R5006AT
Description  T491 Industrial Grade MnO2 Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491B157M2R5006AT Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T491B157M2R5006AT Datasheet HTML 3Page - Kemet Corporation T491B157M2R5006AT Datasheet HTML 4Page - Kemet Corporation T491B157M2R5006AT Datasheet HTML 5Page - Kemet Corporation T491B157M2R5006AT Datasheet HTML 6Page - Kemet Corporation T491B157M2R5006AT Datasheet HTML 7Page - Kemet Corporation T491B157M2R5006AT Datasheet HTML 8Page - Kemet Corporation T491B157M2R5006AT Datasheet HTML 9Page - Kemet Corporation T491B157M2R5006AT Datasheet HTML 10Page - Kemet Corporation T491B157M2R5006AT Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005_T491 • 10/8/2013
77
Tantalum Surface Mount Capacitors – Standard Tantalum
T491 Industrial Grade MnO2 Series
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Maximum/
5 Minutes
% @ +20ºC
120 Hz
Maximum
Ω @ +20ºC
100 kHz
Maximum
(mA)
100 kHz
25ºC
(mA)
100 kHz
+85ºC
(mA)
100 kHz
+125ºC
Reflow Temperature
≤ 260 ºC
6.3
100
V/7343-20
T491V107(1)006A(2)
6.3
8.0
0.7
423
381
169
1
6.3
100
C/6032-28
T491C107(1)006A(2)
6.3
8.0
0.9
350
315
140
1
6.3
100
U/6032-15
T491U107(1)006A(2)
6.3
10.0
1.8
224
202
90
1
6.3
100
B/3528-21
T491B107(1)006A(2)
6.3
15.0
3.0
168
151
67
1
6.3
150
B/3528-21
T491B157M006A(2)
9.5
15.0
3.0
168
151
67
1
6.3
150
D/7343-31
T491D157(1)006A(2)
9.5
8.0
0.7
463
417
185
1
6.3
150
C/6032-28
T491C157(1)006A(2)
9.5
8.0
1.2
303
273
121
1
6.3
150
V/7343-20
T491V157(1)006A(2)
9.5
8.0
0.7
423
381
169
1
6.3
150
U/6032-15
T491U157(1)006AT
9.5
8.0
0.6
387
348
155
1
6.3
150
W/7343-15
T491W157(1)006AT
9.5
8.0
0.8
474
427
190
1
6.3
220
X/7343-43
T491X227(1)006A(2)
13.9
8.0
0.7
486
437
194
1
6.3
220
D/7343-31
T491D227(1)006A(2)
13.9
8.0
0.7
463
417
185
1
6.3
220
C/6032-28
T491C227(M)006A(2)
13.9
10.0
1.2
303
273
121
1
6.3
220
V/7343-20
T491V227(1)006A(2)
13.9
12.0
0.7
423
381
169
1
6.3
220
W/7343-15
T491W227(1)006AT
13.9
8.0
0.8
474
427
190
1
6.3
330
V/7343-20
T491V337(1)006AT
20.8
8.0
0.7
423
381
169
1
6.3
330
X/7343-43
T491X337(1)006A(2)
20.8
8.0
0.4
642
578
257
1
6.3
330
D/7343-31
T491D337(1)006A(2)
20.8
8.0
0.4
612
551
245
1
6.3
330
E/7360-38
T491E337(1)006A(2)
20.8
8.0
0.5
632
569
253
1
6.3
470
X/7343-43
T491X477(1)006A(2)
29.6
10.0
0.4
642
578
257
1
6.3
470
D/7343-31
T491D477(M)006A(2)
29.6
12.0
0.4
612
551
245
1
6.3
470
E/7360-38
T491E477(1)006A(2)
29.6
10.0
0.4
707
636
283
1
6.3
680
X/7343-43
T491X687(1)006A(2)
42.8
15.0
0.6
524
472
210
1
6.3
680
E/7360-38
T491E687(M)006A(2)
42.8
12.0
0.5
632
569
253
1
6.3
1000
X/7343-43
T491X108(1)006AT
63.0
15.0
0.6
524
472
210
1
10
1.5
A/3216-18
T491A155(1)010A(2)
0.5
6.0
8.0
97
87
39
1
10
2.2
B/3528-21
T491B225(1)010A(2)
0.5
6.0
3.5
156
140
62
1
10
2.2
A/3216-18
T491A225(1)010A(2)
0.5
6.0
8.0
97
87
39
1
10
3.3
A/3216-18
T491A335(1)010A(2)
0.5
6.0
5.5
112
101
45
1
10
3.3
S/3216-12
T491S335(1)010A(2)
0.5
6.0
15.0
63
57
25
1
10
4.7
B/3528-21
T491B475(1)010A(2)
0.5
6.0
3.5
156
140
62
1
10
4.7
A/3216-18
T491A475(1)010A(2)
0.5
6.0
5.0
122
110
49
1
10
4.7
S/3216-12
T491S475(1)010A(2)
0.5
6.0
15.0
63
57
25
1
10
6.8
B/3528-21
T491B685(1)010A(2)
0.7
6.0
3.5
156
140
62
1
10
6.8
A/3216-18
T491A685(1)010A(2)
0.7
6.0
4.0
137
123
55
1
10
6.8
T/3528-12
T491T685(1)010A(2)
0.7
6.0
5.0
118
106
47
1
10
6.8
S/3216-12
T491S685(1)010A(2)
0.7
10.0
15.0
63
57
25
1
10
10
C/6032-28
T491C106(1)010A(2)
1.0
6.0
1.8
247
222
99
1
10
10
B/3528-21
T491B106(1)010A(2)
1.0
6.0
3.5
156
140
62
1
10
10
A/3216-18
T491A106(1)010A(2)
1.0
6.0
4.0
137
123
55
1
10
10
T/3528-12
T491T106(1)010A(2)
1.0
6.0
5.0
118
106
47
1
10
10
S/3216-12
T491S106(1)010A(2)
1.0
10.0
15.0
63
57
25
1
10
15
C/6032-28
T491C156(1)010A(2)
1.5
6.0
1.8
247
222
99
1
10
15
U/6032-15
T491U156(1)010A(2)
1.5
6.0
1.8
224
202
90
1
10
15
B/3528-21
T491B156(1)010A(2)
1.5
6.0
2.8
174
157
70
1
10
15
A/3216-18
T491A156(1)010A(2)
1.5
8.0
6.0
112
101
45
1
10
15
T/3528-12
T491T156(1)010A(2)
1.5
8.0
5.0
118
106
47
1
10
22
C/6032-28
T491C226(1)010A(2)
2.2
6.0
1.8
247
222
99
1
10
22
U/6032-15
T491U226(1)010A(2)
2.2
6.0
1.8
224
202
90
1
10
22
B/3528-21
T491B226(1)010A(2)
2.2
6.0
2.3
192
173
77
1
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Maximum/
5 Minutes
% @ +20ºC
120 Hz
Maximum
Ω @ +20ºC
100 kHz
Maximum
(mA)
100 kHz
25ºC
(mA)
100 kHz
+85ºC
(mA)
100 kHz
+125ºC
Reflow Temperature
≤ 260 ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N = Non-
Magnetic 100% Tin (Sn), M = Non-Magnetic (SnPb). Designates Termination Finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating. Substitutions can include better than series.
Roll Over for
Order Info.
T
491
X
157
K
020
A
T
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/
Design
Lead Material
Packaging (C-Spec)
T =
Tantalum
Industrial
A, B, C, D,
E, S, T, U,
V, X
First two digits
represent
significant
figures.Thirddigit
specifiesnumber
of zeros.
K = ±10%
M = ±20%
2R5 = 2.5 V
003 = 3 V
004 = 4 V
006 = 6.3 V
010 = 10 V
016 = 16 V
020 = 20 V
025 = 25 V
035 = 35 V
050 = 50 V
A = N/A
T = 100% Matte Tin (Sn)
Plated*
H = Standard Solder
Coated (SnPb 5% Pb
minimum)
G = Gold Plated (A, B, C,
D, X only)
N = Non-Magnetic 100%
Tin (Sn)
M = Non-Magnetic (SnPb)
Blank = 7" Reel
7280 = 13" Reel


Similar Part No. - T491B157M2R5006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B157M2R5AH KEMET-T491B157M2R5AH Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B157M2R5AT KEMET-T491B157M2R5AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
T491B157M2R5AT KEMET-T491B157M2R5AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B157M2R5AT7280 KEMET-T491B157M2R5AT7280 Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results

Similar Description - T491B157M2R5006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A105M016ZT KEMET-T491A105M016ZT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B156K016AT KEMET-T491B156K016AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C226K006AT KEMET-T491C226K006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491X157K020AT KEMET-T491X157K020AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491B475K020AT KEMET-T491B475K020AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491C475K020AT KEMET-T491C475K020AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com