Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6011A4PWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6011A4PWP
Description  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6011A4PWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA6011A4PWP Datasheet HTML 6Page - Texas Instruments TPA6011A4PWP Datasheet HTML 7Page - Texas Instruments TPA6011A4PWP Datasheet HTML 8Page - Texas Instruments TPA6011A4PWP Datasheet HTML 9Page - Texas Instruments TPA6011A4PWP Datasheet HTML 10Page - Texas Instruments TPA6011A4PWP Datasheet HTML 11Page - Texas Instruments TPA6011A4PWP Datasheet HTML 12Page - Texas Instruments TPA6011A4PWP Datasheet HTML 13Page - Texas Instruments TPA6011A4PWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
www.ti.com
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
5
0.02
0.05
0.1
0.2
0.5
1
2
PO − Output Power − W
1 kHz
20 kHz
VDD = 5 V
RL = 8 Ω
Gain = 20 dB
BTL
20 Hz
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
5
0.02
0.05
0.1
0.2
0.5
1
2
PO − Output Power − W
1 kHz
20 kHz
20 Hz
VDD = 5 V
RL = 4 Ω
Gain = 20 dB
BTL
10
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
0
500 m
1
1.5
2
VO − Output Voltage − rms
1 kHz
20 kHz
20 Hz
VDD = 5 V
RL = 10 kΩ
Gain = 14 dB
SE
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10 m
200 m
50 m
100 m
PO − Output Power − W
1 kHz
20 kHz
20 Hz
VDD = 5 V
RL = 32 Ω
Gain = 14 dB
SE
TPA6011A4
SLOS392A – FEBRUARY 2002 – REVISED JULY 2004
TOTAL HARMONIC DISTORTION + NOISE (BTL)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 7.
Figure 8.
TOTAL HARMONIC DISTORTION + NOISE (SE)
TOTAL HARMONIC DISTORTION + NOISE (SE)
vs
vs
OUTPUT POWER
OUTPUT VOLTAGE
Figure 9.
Figure 10.
10


Similar Part No. - TPA6011A4PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6011A4PWP TI-TPA6011A4PWP Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Similar Description - TPA6011A4PWP

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com