Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2412DG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2412DG4
Description  N1 and ORing Power Rail Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2412DG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2412DG4 Datasheet HTML 1Page - Texas Instruments TPS2412DG4 Datasheet HTML 2Page - Texas Instruments TPS2412DG4 Datasheet HTML 3Page - Texas Instruments TPS2412DG4 Datasheet HTML 4Page - Texas Instruments TPS2412DG4 Datasheet HTML 5Page - Texas Instruments TPS2412DG4 Datasheet HTML 6Page - Texas Instruments TPS2412DG4 Datasheet HTML 7Page - Texas Instruments TPS2412DG4 Datasheet HTML 8Page - Texas Instruments TPS2412DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
(1) (2) (3) (4) (5) (6)
TPS2412
TPS2413
www.ti.com.......................................................................................................................................... SLVS728B – JANUARY 2007 – REVISED SEPTEMBER 2008
voltages are referenced to GND (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD = V)
(1)
3
16.5
A, C
Input voltage range TPS2412
V
3
≤ VDD ≤ 16.5 V
0.8
16.5
A to C
Operational voltage
5
V
R(RSET)
Resistance range(2)
1.5
k
C(BYP)
Capacitance Range(2) (3)
800
2200
10k
pF
TJ
Operating junction temperature
–40
125
°C
TA
Operating free-air temperature
–40
85
°C
(1)
VDD must exceed 3 V to meet gate drive specification
(2)
Voltage should not be applied to these pins.
(3)
Capacitors should be X7R, 20% or better
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(A), V(C), VDD
VDD rising
2.25
2.5
VDD UVLO
V
Hysteresis
0.25
| I(A) |, Gate in active region
0.66
1
A current
mA
| I(A) |, Gate saturated high
0.1
C current
| I(C) |, V(AC) ≤ 0.1 V
10
µA
Worst case, gate in active region
4.25
6
VDD current
mA
Gate saturated high
1.2
TURN ON
TPS2412 forward turn-on and regulation
7
10
13
mV
voltage
TPS2412 forward turn-on / turn-off difference
R(RSET) = open
7
mV
TPS2413 forward turn-on voltage
7
10
13
mV
TURN OFF
Gate sinks > 10 mA at V(GATE-A) = 2 V
1
3
5
V(A-C) falling, R(RSET) = open
Fast turn-off threshold voltage
mV
V(A-C) falling, R(RSET) = 28.7 kΩ
-17
-13.25
-10
V(A-C) falling, R(RSET) = 3.24 kΩ
-170
-142
-114
V(A) = 12 V, V(A-C): 20 mV → –20 mV,
Turn-off delay
70
ns
V(GATE-A) begins to decrease
V(A) = 12 V, C(GATE-GND) = 0.01 µF, V(A-C):
Turn-off time
20 mV
→ –20 mV, measure the period to
130
ns
V(GATE) = V(A)
GATE
VDD = 3 V, V(A-C) = 20 mV
6
7
8
Gate positive drive voltage, V(GATE-A)
V
5 V
≤ VDD ≤ 18 V, V(A-C) = 20 mV
9
10.2
11.5
Gate source current
V(A-C) = 50 mV, V(GATE-A) = 4 V
250
290
350
µA
Soft turn-off sink current (TPS2412)
V(A-C) = 4 mV, V(GATE-A) = 2 V
2
5
mA
(1)
[3 V
≤ V(A) ≤ 18 V and V(C) = VDD] or [0.8 V ≤ V(A) ≤ 3 V and 3 V ≤ VDD ≤ 18 V]
(2)
C(BYP) = 2200 pF, R(RSET) = open
(3)
–40°C
≤ TJ ≤ 125°C
(4)
Positive currents are into pins
(5)
Typical values are at 25°C
(6)
All voltages are with respect to GND.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2412 TPS2413


Similar Part No. - TPS2412DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412DG4 TI1-TPS2412DG4 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
TPS2412DG4 TI1-TPS2412DG4 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
More results

Similar Description - TPS2412DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com