Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF035N06B Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FDPF035N06B
Description  N-Channel PowerTrench MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF035N06B Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FDPF035N06B Datasheet HTML 2Page - Fairchild Semiconductor FDPF035N06B Datasheet HTML 3Page - Fairchild Semiconductor FDPF035N06B Datasheet HTML 4Page - Fairchild Semiconductor FDPF035N06B Datasheet HTML 5Page - Fairchild Semiconductor FDPF035N06B Datasheet HTML 6Page - Fairchild Semiconductor FDPF035N06B Datasheet HTML 7Page - Fairchild Semiconductor FDPF035N06B Datasheet HTML 8Page - Fairchild Semiconductor FDPF035N06B Datasheet HTML 9Page - Fairchild Semiconductor FDPF035N06B Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
©2013 Fairchild Semiconductor Corporation
FDPF035N06B Rev. C1
www.fairchildsemi.com
9
Mechanical Dimensions
Figure 19. TO220, Molded, 3-Lead, Full Pack, EIAJ SC91, Takcheong
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TF220-0A3


Similar Part No. - FDPF035N06B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF035N06B ISC-FDPF035N06B Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDPF035N06B-F154 ONSEMI-FDPF035N06B-F154 Datasheet
367Kb / 10P
   MOSFET – N-Channel, POWERTRENCH 60 V, 88 A, 3.5 m
December, 2020 - Rev. 0
More results

Similar Description - FDPF035N06B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com