Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-214-76AE Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-214-76AE
Description  AC Input, Half-Pitch Phototransistor Optocoupler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-214-76AE Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-214-76AE Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-214-76AE Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-214-76AE Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-214-76AE Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-214-76AE Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-214-76AE Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-214-76AE Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Figure 9. Collector Current vs. Collector-Emitter Voltage
Figure 10. Collector Current vs. Small Collector¬-Emitter Voltage
Figure 11. Collector Current vs. Forward Current
Figure 12. Collector Dark Current vs. Ambient Temperature
Figure 13. Current Transfer Ratio vs. Forward Current
Figure 14. Collector-Emitter Saturation Voltage vs. Ambient Temperature
0
10
20
30
40
50
0
5
10
Collector-Emitter Voltage, Vce(V)
10mA
30mA
Ta = 25ºC
PC (max)=150mW
IF=5mA
20mA
50mA
0
5
10
15
20
25
30
35
40
45
50
0
0.5
1
Collector-Emitter Voltage, VCE(V)
I F = 2mA
5mA
10mA
20mA
30mA
50mA
0.0001
0.001
0.01
0.1
0.0001
0.001
0.01
0.1
Forward Current, IF (A)
VCE = 0.4V
5V
10V
1.E-10
1.E-08
1.E-06
-25
-5
15
35
55
75
95
Ambient Temperature, Ta(oC)
VCE = 48V
24V
10V
5V
10
100
1000
0.0001
0.001
0.01
0.1
Forward Current, IF(A)
VCE = 0.4V
5V
10V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
-30
5
40
75
110
Ambient Temperature, Ta(ºC)
IF= 20mA,
IC= 1mA
IF= 1mA,
IC= 0.2mA
I F = 8mA,
I = 2.4mA
C


Similar Part No. - ACPL-214-76AE

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-214-500E AVAGO-ACPL-214-500E Datasheet
165Kb / 7P
   ACPL-214 AC Input, Half-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-214-76AE

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-214 BOARDCOM-ACPL-214 Datasheet
914Kb / 10P
   AC Input, Half-Pitch Phototransistor Optocoupler
ACPL-224 BOARDCOM-ACPL-224 Datasheet
820Kb / 10P
   AC Input, Multi-Channel Half-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-224 AVAGO-ACPL-224 Datasheet
441Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-214-500E AVAGO-ACPL-214-500E Datasheet
165Kb / 7P
   ACPL-214 AC Input, Half-Pitch Phototransistor Optocoupler
ACPL-244-500E AVAGO-ACPL-244-500E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-214 AVAGO-ACPL-214 Datasheet
165Kb / 7P
   AC Input, Half-Pitch Phototransistor Optocoupler SO package
logo
Broadcom Corporation.
ACPL-217 BOARDCOM-ACPL-217 Datasheet
1Mb / 8P
   DC Input, Half-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-217-56AE AVAGO-ACPL-217-56AE Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler
ACPL-217-56BE AVAGO-ACPL-217-56BE Datasheet
153Kb / 7P
   DC Input , Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com