Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2413DR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2413DR
Description  N1 and ORing Power Rail Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2413DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2413DR Datasheet HTML 7Page - Texas Instruments TPS2413DR Datasheet HTML 8Page - Texas Instruments TPS2413DR Datasheet HTML 9Page - Texas Instruments TPS2413DR Datasheet HTML 10Page - Texas Instruments TPS2413DR Datasheet HTML 11Page - Texas Instruments TPS2413DR Datasheet HTML 12Page - Texas Instruments TPS2413DR Datasheet HTML 13Page - Texas Instruments TPS2413DR Datasheet HTML 14Page - Texas Instruments TPS2413DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TPS2412 vs TPS2413 – MOSFET CONTROL METHODS
N+1 POWER SUPPLY – TYPICAL CONNECTION
Concept
Input
Voltage
Power
Bus
Implementation
DC/DC
Converter
DC/DC
Converter
TPS2412
TPS2413
www.ti.com.......................................................................................................................................... SLVS728B – JANUARY 2007 – REVISED SEPTEMBER 2008
The TPS2412 control method yields several benefits. First, the low-current GATE driver provides a gentle turn-on
and turn-off for slowly rising and falling input voltage. Second, it reduces the tendency for on/off cycling of a
comparator based solution at light loads. Third, it avoids reverse currents if the fast turn-off threshold is left
positive. The drawback to this method is that the MOSFET appears to have a high resistance at light load when
the regulation is active. A momentary output voltage droop occurs when a large step load is applied from a
light-load condition. The TPS2412 is a better solution for a mid-rail bus that is re-regulated.
The TPS2413 turns the MOSFET on if V(AC) is greater than 10 mV, and the rapid turn-off is activated at the
programmed negative threshold. There is no linear control range and slow turn-off. The disadvantage is that the
turn-off threshold must be negative (unless a minimum load is always present) permitting a continuous reverse
current. Under a dynamic reverse voltage fault, the lower threshold voltage may permit a higher peak reverse
current. There are a number of advantages to this control method. Step loads from a light load condition are
handled without a voltage droop beyond I × R. If the redundant converter fails, applications with redundant
synchronous converters may permit a small amount of reverse current at light load in order to assure that the
MOSFET is all ready on. The TPS2413 is a better solution for low-voltage buses that are not re-regulated, and
that may see large load steps transients.
These applications recommendations are meant as a starting point, with the needs of specific implementations
over-riding them.
The N+1 power supply configuration shown in Figure 12 is used where multiple power supplies are paralleled for
either higher capacity, redundancy or both. If it takes N supplies to power the load, adding an extra, identical unit
in parallel permits the load to continue operation in the event that any one of the N supplies fails. The supplies
are ORed together, rather than directly connected to the bus, to isolate the converter output from the bus when it
is plugged-in or fails short. The TPS2412/13 with an external MOSFET emulates the function of the ORing diode.
It is possible for a malfunctioning converter in an ORed topology to create a bus overvoltage if the loading is less
than the converter's capacity (e.g. N = 1). The ORed topology shown cannot protect the bus from this condition,
even if the ORing MOSFET can be turned off. One common solution is to use two MOSFETs in a back-to-back
configuration to provide bidirectional blocking. The TPS2412/13 does not have a provision for forcing the gate off
when the overvoltage condition occurs, use of the TPS2410/11 is recommended.
ORed supplies are usually designed to share power by various means, although the desired operation could
implement an active and standby concept. Sharing approaches include both passive, or voltage droop, and
active methods. Not all of the output ORing devices may be ON depending on the sharing control method, bus
loading, distribution resistances, and TPS2412/13 settings.
Figure 12. N+1 Power Supply Example
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS2412 TPS2413


Similar Part No. - TPS2413DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2413DR TI1-TPS2413DR Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
TPS2413DR TI1-TPS2413DR Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2413DRG4 TI1-TPS2413DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
TPS2413DRG4 TI1-TPS2413DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
More results

Similar Description - TPS2413DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com