Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5520JSTZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5520JSTZ
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520JSTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5520JSTZ Datasheet HTML 6Page - Analog Devices AD5520JSTZ Datasheet HTML 7Page - Analog Devices AD5520JSTZ Datasheet HTML 8Page - Analog Devices AD5520JSTZ Datasheet HTML 9Page - Analog Devices AD5520JSTZ Datasheet HTML 10Page - Analog Devices AD5520JSTZ Datasheet HTML 11Page - Analog Devices AD5520JSTZ Datasheet HTML 12Page - Analog Devices AD5520JSTZ Datasheet HTML 13Page - Analog Devices AD5520JSTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5520
Rev. B | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = +15V
VSS = –15V
MODE 3
TEMPERATURE (
°C)
0.0030
0.0005
0.0010
0.0015
0.0020
0.0025
0
0
10
2030
4050
60
70
Figure 5. Voltage Sense Amplifier Linearity vs. Temperature
VDD = +15V
VSS = –15V
TA = 25°C
FREQUENCY (Hz)
80
10
20
30
50
60
40
70
0
1
10
100
1k
10k
100k
1M
Figure 6. Voltage Sense Amplifier CMRR vs. Frequency
VDD = +15V
VSS = –15V
TA = 25°C
CCOMP = 0.1nF
CCOMP = 3.3nF
CCOMP = 1.0nF
FREQUENCY (Hz)
10
–50
–30
–20
–10
0
–40
–60
100
1k
10k
100k
Figure 7. Force Amplifier Bandwidth, Mode 0 (4 μA)
VDD = +15V
VSS = –15V
MODE 3
TEMPERATURE (
°C)
0.0030
0.0005
0.0010
0.0015
0.0020
0.0025
0
0
10
2030
4050
60
70
Figure 8. Current Sense Linearity vs. Temperature
VDD = +15V
VSS = –15V
TA = 25°C
ISENSE CMRR
FREQUENCY (Hz)
140
20
60
80
100
120
40
0
1
10
100
1k
10k
100k
1M
Figure 9. Current Sense Amplifier CMRR vs. Frequency
VDD = +15V
VSS = –15V
TA = 25°C
CCOMP = 0.1nF
CCOMP = 3.3nF
CCOMP = 1.0nF
FREQUENCY (Hz)
5
–35
–25
–20
–15
–10
–5
0
–30
–40
100
1k
10k
100k
Figure 10. Force Amplifier Bandwidth, Mode 1 (40 μA)


Similar Part No. - AD5520JSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ-REEL AD-AD5520JSTZ-REEL Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ-REEL AD-AD5520JSTZ-REEL Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results

Similar Description - AD5520JSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
logo
Keysight Technologies
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
   Modular Source Measure Unit
U2723A KEYSIGHT-U2723A Datasheet
2Mb / 15P
   Modular Source Measure Unit
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com