Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7537KN Datasheet(PDF) 9 Page - Analog Devices

Part # AD7537KN
Description  LC2MOS 84) Loading Dual 12-Bit DAC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7537KN Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7537KN Datasheet HTML 2Page - Analog Devices AD7537KN Datasheet HTML 3Page - Analog Devices AD7537KN Datasheet HTML 4Page - Analog Devices AD7537KN Datasheet HTML 5Page - Analog Devices AD7537KN Datasheet HTML 6Page - Analog Devices AD7537KN Datasheet HTML 7Page - Analog Devices AD7537KN Datasheet HTML 8Page - Analog Devices AD7537KN Datasheet HTML 9Page - Analog Devices AD7537KN Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AD7537
REV. A
–9–
Figure 17. 24-Lead Standard Small Outline Package [SOIC-W]
Wide Body
(RW-24)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1, 2, 3
Temperature Range
Relative Accuracy
Gain Error
Package Description
Package Option
AD7537JN
–40°C to +85°C
±1 LSB
±6 LSB
24-Lead PDIP
N-24-1
AD7537JNZ
–40°C to +85°C
±1 LSB
±6 LSB
24-Lead PDIP
N-24-1
AD7537KN
–40°C to +85°C
±1/2 LSB
±3 LSB
24-Lead PDIP
N-24-1
AD7537KNZ
–40°C to +85°C
±1/2 LSB
±3 LSB
24-Lead PDIP
N-24-1
AD7537LNZ
–40°C to +85°C
±1/2 LSB
±1 LSB
24-Lead PDIP
N-24-1
AD7537JP
–40°C to +85°C
±1 LSB
±6 LSB
28-Lead PLCC
P-28
AD7537JP-REEL
–40°C to +85°C
±1 LSB
±6 LSB
28-Lead PLCC
P-28
AD7537JPZ
–40°C to +85°C
±1 LSB
±6 LSB
28-Lead PLCC
P-28
AD7537JPZ-REEL
–40°C to +85°C
±1 LSB
±6 LSB
28-Lead PLCC
P-28
AD7537KP
–40°C to +85°C
±1/2 LSB
±3 LSB
28-Lead PLCC
P-28
AD7537KPZ
–40°C to +85°C
±1/2 LSB
±3 LSB
28-Lead PLCC
P-28
AD7537KPZ-REEL
–40°C to +85°C
±1/2 LSB
±3 LSB
28-Lead PLCC
P-28
AD7537LP-REEL
–40°C to +85°C
±1/2 LSB
±1 LSB
28-Lead PLCC
P-28
AD7537LPZ
–40°C to +85°C
±1/2 LSB
±1 LSB
28-Lead PLCC
P-28
AD7537LPZ-REEL
–40°C to +85°C
±1/2 LSB
±1 LSB
28-Lead PLCC
P-28
AD7537JR
–40°C to +85°C
±1 LSB
±6 LSB
24-Lead SOIC_W
RW-24
AD7537JR-REEL
–40°C to +85°C
±1 LSB
±6 LSB
24-Lead SOIC_W
RW-24
AD7537JRZ
–40°C to +85°C
±1 LSB
±6 LSB
24-Lead SOIC_W
RW-24
AD7537JRZ-REEL
–40°C to +85°C
±1 LSB
±6 LSB
24-Lead SOIC_W
RW-24
AD7537KRZ
–40°C to +85°C
±1/2 LSB
±3 LSB
24-Lead SOIC_W
RW-24
AD7537KR-REEL
–40°C to +85°C
±1/2 LSB
±3 LSB
24-Lead SOIC_W
RW-24
AD7537BR
–40°C to +85°C
±1/2 LSB
±3 LSB
24-Lead SOIC_W
RW-24
AD7537BR-REEL
–40°C to +85°C
±1/2 LSB
±3 LSB
24-Lead SOIC_W
RW-24
AD7537BRZ
–40°C to +85°C
±1/2 LSB
±3 LSB
24-Lead SOIC_W
RW-24
1 Z = RoHS Compliant Part.
2 Analog Devices reserves the right to ship side-brazed CERDIP packages (D-24-1) in lieu of CERDIP packages (Q-24-1).
3 To order MIL-STD-883, Class B processed parts, add/883B to part number. Contact your local sales office for military data sheet.
COMPLIANT TO JEDEC STANDARDS MS-013-AD
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
15.60 (0.6142)
15.20 (0.5984)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
24
13
12
1
1.27 (0.0500)
BSC


Similar Part No. - AD7537KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7537KN AD-AD7537KN Datasheet
207Kb / 8P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. 0
More results

Similar Description - AD7537KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7937 AD-AD7937 Datasheet
157Kb / 8P
   LC2MOS 84 Loading Dual 12-Bit DAC
REV. 0
AD7537JR AD-AD7537JR Datasheet
170Kb / 10P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. A
AD7537 AD-AD7537 Datasheet
207Kb / 8P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. 0
AD7547 AD-AD7547 Datasheet
601Kb / 8P
   LC2MOS PARALLEL LOADING DUAL 12-BIT DAC
REV. A
AD7547 AD-AD7547_17 Datasheet
637Kb / 9P
   LC2MOS Parallel Loading Dual 12-Bit DAC
AD7547 AD-AD7547_15 Datasheet
606Kb / 8P
   Parallel Loading Dual 12 Bit DAC
REV. A
AD7937 AD-AD7937_15 Datasheet
147Kb / 8P
   LC MOS Loading Dual 12-Bit DAC
REV. 0
AD7537 AD-AD7537_15 Datasheet
170Kb / 10P
   LC MOS Loading Dual 12-Bit DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
AD7548 AD-AD7548_17 Datasheet
653Kb / 13P
   LC2MOS 8-Bit P-Compatible 12-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com