Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7537LNZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD7537LNZ
Description  LC2MOS 84) Loading Dual 12-Bit DAC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7537LNZ Datasheet(HTML) 2 Page - Analog Devices

  AD7537LNZ Datasheet HTML 1Page - Analog Devices AD7537LNZ Datasheet HTML 2Page - Analog Devices AD7537LNZ Datasheet HTML 3Page - Analog Devices AD7537LNZ Datasheet HTML 4Page - Analog Devices AD7537LNZ Datasheet HTML 5Page - Analog Devices AD7537LNZ Datasheet HTML 6Page - Analog Devices AD7537LNZ Datasheet HTML 7Page - Analog Devices AD7537LNZ Datasheet HTML 8Page - Analog Devices AD7537LNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
REV.
–2–
AD7537–SPECIFICATIONS (VDD=+12Vto+15V, 10%,VREFA=VREFB=10V;IOUTA=AGND=0V,
IOUTB = AGNDB = 0 V. All specifications TMIN to TMAX unless otherwise noted.)
AC PERFORMANCE CHARACTERISTICS
These characteristics are included for Design Guidance only and are not subject to test.
(VDD = +12 V to +15 V; VREFA = VREFB = +10 V; IOUTA = AGNDA = 0 V, IOUTB = AGNDB = 0 V. Output Amplifiers are AD644 except where noted.)
Parameter
TA = +25 CTA = TMIN, TMAX
Units
Test Conditions/Comments
Output Current Settling Time
1.5
μs max
To 0.01% of full-scale range. IOUT load = 100
Ω, CEXT = 13 pF.
DAC output measured from falling edge of
WR.
Typical Value of Settling Time is 0.8
μs.
Digital-to-Analog Glitch lmpulse
7
nV-s typ
Measured with VREFA = VREFB = 0 V. IOUTA, IOUTB load = 100
Ω,
CEXT = 13 pF. DAC registers alternately loaded with all 0s and all 1s.
AC Feedthrough4
VREFA to IOUTA
–70
–65
dB max
VREFA, VREFB = 20 V p-p 10 kHz sine wave.
VREFB to IOUTB
–70
–65
dB max
DAC registers loaded with all 0s.
Power Supply Rejection
ΔGain/ΔVDD
±0.01
±0.02
% per % max
ΔVDD = VDD max – VDD min
Output Capacitance
COUTA
70
70
pF max
DAC A, DAC B loaded with all 0s
COUTB
70
70
pF max
COUTA
140
140
pF max
DAC A, DAC B loaded with all 1s
COUTB
140
140
pF max
Channel-to-Channel Isolation
VREFA to IOUTB
–84
dB typ
VREFA = 20 V p-p 10 kHz sine wave, VREFB = 0 V.
Both DACs loaded with all 1s.
VREFB to IOUTA
–84
dB typ
VREFB = 20 V p-p 10 kHz sine wave, VREFA = 0 V.
Both DACs loaded with all 1s.
Digital Crosstalk
7
nV-s typ
Measured for a Code Transition of all 0s to all 1s.
IOUTA, IOUTB load = 100
Ω, CEXT = 13 pF.
Output Noise Voltage Density
25
nV/
√Hz typ
Measured between RFBA and IOUTA or RFBB and IOUTB.
(10 Hz–100 kHz)
Frequency of measurement is 10 Hz–100 kHz.
Total Harmonic Distortion
–82
dB typ
VIN = 6 V rms, 1 kHz. Both DACs loaded with all 1s.
NOTES
1Temperature range as follows: J, K, L Versions: –40°C to +85°C;
A, B, C Versions: –40
°C to +85°C;
S, T, U Versions: –55
°C to +125°C
Specifications subject to change without notice.
2Sample tested at +25°C to ensure compliance.
3Functional at VDD = 5 V, with degraded specifications.
4Pin 12 (DGND) on ceramic DIPs is connected to lid.
J, A
K, B
L, C
S
T
U
Parameter
Versions
Versions
Versions
Version
Version
Version
Units
Test Conditions/Comments
ACCURACY
Resolution
12
12
12
12
12
12
Bits
Relative Accuracy
± 1
±1/2
±1/2
± 1
±1/2
±1/2
LSB max
Differential Nonlinearity
± 1
± 1
± 1
± 1
± 1
± 1
LSB max
All grades guaranteed mono-
tonic over temperature.
Gain Error
± 6
± 3
± 1
± 6
± 3
± 2
LSB max
Measured using RFBA, RFBB.
Both DAC registers loaded
with all 1s.
Gain Temperature Coefficient2;
ΔGain/ΔTemperature
± 5
± 5
± 5
± 5
± 5
± 5
ppm/
°C max Typical value is 1 ppm/°C
Output Leakage Current
IOUTA
+25
°C
10
10
10
10
10
10
nA max
DAC A Register loaded
TMIN to TMAX
150
150
150
250
250
250
nA max
with all 0s
IOUTB
+25
°C
10
10
10
10
10
10
nA max
DAC B Register loaded
TMIN to TMAX
150
150
150
250
250
250
nA max
with all 0s
REFERENCE INPUT
Input Resistance
999999k
Ω min
Typical Input Resistance = 14 k
Ω
20
20
20
20
20
20
k
Ω max
VREFA, VREFB
Input Resistance Match
± 3
± 3
± 1
± 3
± 3
± 1
% max
Typically
±0.5%
DIGITAL INPUTS
VIH (lnput High Voltage)
2.4
2.4
2.4
2.4
2.4
2.4
V min
VIIL (Input Low Voltage)
0.8
0.8
0.8
0.8
0.8
0.8
V max
IIN (Input Current)
+25
°C
± 1
± 1
± 1
± 1
± 1
± 1
μA max
VIN = VDD
TMIN to TMAX
±10
±10
±10
±10
±10
±10
μA max
CIN (lnput Capacitance)2
10
10
10
10
10
10
pF max
POWER SUPPLY3
VDD
10.8/16.5 10.8/16.5 10.8/16.5 10.8/16.5 10.8/16.5 10.8/16.5 V min/V max
IDD
222222mA max
A


Similar Part No. - AD7537LNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7537LN AD-AD7537LN Datasheet
207Kb / 8P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. 0
More results

Similar Description - AD7537LNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7937 AD-AD7937 Datasheet
157Kb / 8P
   LC2MOS 84 Loading Dual 12-Bit DAC
REV. 0
AD7537JR AD-AD7537JR Datasheet
170Kb / 10P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. A
AD7537 AD-AD7537 Datasheet
207Kb / 8P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. 0
AD7547 AD-AD7547 Datasheet
601Kb / 8P
   LC2MOS PARALLEL LOADING DUAL 12-BIT DAC
REV. A
AD7547 AD-AD7547_17 Datasheet
637Kb / 9P
   LC2MOS Parallel Loading Dual 12-Bit DAC
AD7547 AD-AD7547_15 Datasheet
606Kb / 8P
   Parallel Loading Dual 12 Bit DAC
REV. A
AD7937 AD-AD7937_15 Datasheet
147Kb / 8P
   LC MOS Loading Dual 12-Bit DAC
REV. 0
AD7537 AD-AD7537_15 Datasheet
170Kb / 10P
   LC MOS Loading Dual 12-Bit DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
AD7548 AD-AD7548_17 Datasheet
653Kb / 13P
   LC2MOS 8-Bit P-Compatible 12-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com