Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7569 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7569
Description  LC2MOS Complete, 8-Bit Analog I/0 Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7569 Datasheet(HTML) 4 Page - Analog Devices

  AD7569 Datasheet HTML 1Page - Analog Devices AD7569 Datasheet HTML 2Page - Analog Devices AD7569 Datasheet HTML 3Page - Analog Devices AD7569 Datasheet HTML 4Page - Analog Devices AD7569 Datasheet HTML 5Page - Analog Devices AD7569 Datasheet HTML 6Page - Analog Devices AD7569 Datasheet HTML 7Page - Analog Devices AD7569 Datasheet HTML 8Page - Analog Devices AD7569 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7569/AD7669–TIMING CHARACTERISTICS1
Limit at
Limit at
Limit at
TMIN, TMAX
TMIN, TMAX
Parameter
25 C (All Grades)
(J, K, A, B Grades)
(S, T Grades)
Units
Test Conditions/Comments
DAC Timing
t1
80
80
90
ns min
WR
Pulse Width
t2
0
0
0
ns min
CS
, A/B to WR Setup Time
t3
0
0
0
ns min
CS
, A/B to WR Hold Time
t4
60
70
80
ns min
Data Valid to WR Setup Time
t5
10
10
10
ns min
Data Valid to WR Hold Time
ADC Timing
t6
50
50
50
ns min
ST
Pulse Width
t7
110
130
150
ns max
ST
to BUSY Delay
t8
20
30
30
ns max
BUSY
to INT Delay
t9
0
0
0
ns min
BUSY
to CS Delay
t10
0
0
0
ns min
CS
to RD Setup Time
t11
60
75
90
ns min
RD
Pulse Width Determined by t13.
t12
0
0
0
ns min
CS
to RD Hold Time
t13
2
60
75
90
ns max
Data Access Time after RD; CL = 20 pF
95
120
135
ns max
Data Access Time after RD; CL = 100 pF
t14
3
10
10
10
ns min
Bus Relinquish Time after RD
60
75
85
ns max
t15
65
75
85
ns max
RD
to INT Delay
t16
120
140
160
ns max
RD
to BUSY Delay
t17
2
60
75
90
ns max
Data Valid Time after BUSY; CL = 20 pF
90
115
135
ns max
Data Valid Time after BUSY; CL = 100 pF
NOTES
1Sample tested at +25
°C to ensure compliance. All input control signals are specified with t
R = tF = 5 ns (10% to 90% of +5 V) and timed from a voltage level of 1.6 V.
2t
13 and t17 are measured with the load circuits of Figure 1 and defined as the time required for an output to cross either 0.8 V or 2.4 V.
3t
l4 is defined as the time required for the data line to change 0.5 V when loaded with the circuit of Figure 2.
Specifications subject to change without notice.
REV. B
–4–
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7569/AD7669 features proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
VDD to AGNDDAC or AGNDADC . . . . . . . . . . . . . –0.3 V, +7 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +7 V
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +14 V
AGNDDAC or AGNDADC to DGND . . . . –0.3 V, VDD + 0.3 V
AGNDDAC to AGNDADC . . . . . . . . . . . . . . . . . . . . . . . . .
±5 V
Logic Voltage to DGND . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
CLK Input Voltage to DGND . . . . . . . . . –0.3 V, VDD + 0.3 V
VOUT (VOUTA, VOUTB) to
AGND
1
DAC
. . . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
VIN to AGNDADC . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
NOTE
1Output may be shorted to any voltage in the range V
SS to VDD provided that the
power dissipation of the package is not exceeded. Typical short circuit current for
a short to AGND or VSS is 50 mA.
Figure 1. Load Circuits for Data Access Time Test
a. High-Z to VOH
Figure 2. Load Circuits for Bus Relinquish Time Test
b. High-Z to VOL
a. VOH to High-Z
b. VOL to High-Z
Power Dissipation (Any Package) to +75
°C . . . . . . . . 450 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . . 6 mW/°C
Operating Temperature Range
Commercial (J, K) . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Industrial (A, B) . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (S, T) . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other condition above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
(See Figures 8, 10, 12; VDD = 5 V
5%; VSS = 0 V or –5 V
5%)


Similar Part No. - AD7569

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7569 AD-AD7569 Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569 AD-AD7569 Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569ACHIPS AD-AD7569ACHIPS Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569AQ AD-AD7569AQ Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569AQ AD-AD7569AQ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
More results

Similar Description - AD7569

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7569 AD-AD7569 Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569KNZ AD-AD7569KNZ Datasheet
506Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569TQ AD-AD7569TQ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7669 AD-AD7669_15 Datasheet
506Kb / 20P
   Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569 AD-AD7569_15 Datasheet
506Kb / 20P
   Complete, 8-Bit Analog I/0 Systems
REV. B
AD7869 AD-AD7869 Datasheet
297Kb / 16P
   LC2MOS Complete, 14-Bit Analog I/O System
REV. A
AD7868 AD-AD7868 Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com