Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7537BR Datasheet(PDF) 6 Page - Analog Devices

Part # AD7537BR
Description  LC2MOS 84) Loading Dual 12-Bit DAC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7537BR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7537BR Datasheet HTML 2Page - Analog Devices AD7537BR Datasheet HTML 3Page - Analog Devices AD7537BR Datasheet HTML 4Page - Analog Devices AD7537BR Datasheet HTML 5Page - Analog Devices AD7537BR Datasheet HTML 6Page - Analog Devices AD7537BR Datasheet HTML 7Page - Analog Devices AD7537BR Datasheet HTML 8Page - Analog Devices AD7537BR Datasheet HTML 9Page - Analog Devices AD7537BR Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AD7537
REV.
–6–
SEPARATE AGND PINS
The DACs in the AD7537 have separate AGND lines taken to
pins AGNDA and AGNDB on the package. This increases the
applications versatility of the part. Figure 6 is an example of
this. DAC A is connected in standard fashion as a program-
mable attenuator. AGNDA is at ground potential. DAC B is op-
erating with AGND B biased to +5 V by the AD584. This gives
an output range of +5 V to +10 V.
Figure 6. AD7537 DACs Used in Different Modes
PROGRAMMABLE OSCILLATOR
Figure 7 shows a conventional state variable oscillator in which
the AD7537 controls the programmable integrators. The fre-
quency of oscillation is given by:
f
=
1
2
π
R
6
R
5
×
1
C
1
×C2× REQ1× REQ2
where REQ1 and REQ2 are the equivalent resistances of the
DACs. The same digital code is loaded into both DACs.
If C1 = C2 and R5 = R6, the expression reduces to
f
=
1
2
π
×
1
C
1
REQ1 × REQ2
Since R
EQ
=
2n
× R
LAD
N
, (RLAD = DAC ladder resistance).
f
=
1
2
π
×
1
C
(N /2n )2
RLAD1 × RLAD2
=
1
2
π
×
D
C
1
RLAD1 × RLAD2
D
=
N
2n
⎝⎜
⎠⎟
=
1
2
π
×
D
C
× R
LAD m
where m is the DAC ladder resistance mismatch ratio, typically
1.005.
With the values shown in Figure 7, the output frequency varies
from 0 Hz to 1.38 kHz. The amplitude of the output signal at
the A3 output is 10 V peak-to-peak and is constant over the
entire frequency span.
Figure 7. Programmable State Variable Oscillator
A


Similar Part No. - AD7537BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7537BQ AD-AD7537BQ Datasheet
207Kb / 8P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. 0
More results

Similar Description - AD7537BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7937 AD-AD7937 Datasheet
157Kb / 8P
   LC2MOS 84 Loading Dual 12-Bit DAC
REV. 0
AD7537JR AD-AD7537JR Datasheet
170Kb / 10P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. A
AD7537 AD-AD7537 Datasheet
207Kb / 8P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. 0
AD7547 AD-AD7547 Datasheet
601Kb / 8P
   LC2MOS PARALLEL LOADING DUAL 12-BIT DAC
REV. A
AD7547 AD-AD7547_17 Datasheet
637Kb / 9P
   LC2MOS Parallel Loading Dual 12-Bit DAC
AD7547 AD-AD7547_15 Datasheet
606Kb / 8P
   Parallel Loading Dual 12 Bit DAC
REV. A
AD7937 AD-AD7937_15 Datasheet
147Kb / 8P
   LC MOS Loading Dual 12-Bit DAC
REV. 0
AD7537 AD-AD7537_15 Datasheet
170Kb / 10P
   LC MOS Loading Dual 12-Bit DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
AD7548 AD-AD7548_17 Datasheet
653Kb / 13P
   LC2MOS 8-Bit P-Compatible 12-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com