Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0710-560E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0710-560E
Description  40 ns Propagation Delay, CMOS Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0710-560E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0710-560E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710-560E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710-560E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0710-560E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (Option 060)
HCPL-7710
HCPL-0710
Description
Symbol
Option 060
Option 060
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤150 V rms
I-IV
I-IV
for rated mains voltage ≤300 V rms
I-IV
I-III
for rated mains voltage ≤450 V rms
I-III
Climatic Classification
55/100/21
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
VIORM
630
560
V peak
Input to Output Test Voltage, Method b†
VPR
1181
1050
V peak
VIORM x 1.875 = VPR, 100% Production
Test with tm = 1 sec, Partial Discharge < 5 pC
Input to Output Test Voltage, Method a†
VPR
945
840
V peak
VIORM x 1.5 = VPR, Type and Sample Test,
tm = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage†
VIOTM
6000
4000
V peak
(Transient Overvoltage, tini = 10 sec)
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Thermal Derating curve, Figure 11.)
Case Temperature
TS
175
150
°C
Input Current
IS,INPUT
230
150
mA
Output Power
PS,OUTPUT
600
600
mW
Insulation Resistance at TS, V10 = 500 V
RIO
≥109
≥109
Ω
†Refer to the front of the optocoupler section of the Isolation and Control Component Designer’s Catalog, under Product Safety Regulations sec-
tion IEC/EN/DIN EN 60747-5-2, for a detailed description.
Note: These optocouplers are suitable for “safe electrical isolation” only within the safety limit data. Maintenance of the safety data shall be
ensured by means of protective circuits.
Note: The surface mount classification is Class A in accordance with CECC 00802.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
–55
125
°C
Ambient Operating Temperature
TA
–40
+100
°C
Supply Voltages
VDD1, VDD2
0
6.0
Volts
Input Voltage
VI
–0.5
VDD1 +0.5
Volts
Output Voltage
VO
–0.5
VDD2 +0.5
Volts
Input Current
II
–10
+10
mA
Average Output Current
IO
10
mA
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Solder Reflow Temperature Profile Section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Ambient Operating Temperature
TA
–40
+100
°C
Supply Voltages
VDD1, VDD2
4.5
5.5
V
Logic High Input Voltage
VIH
2.0
VDD1
V
Logic Low Input Voltage
VIL
0.0
0.8
V
Input Signal Rise and Fall Times
tr, tf
1.0
ms


Similar Part No. - HCPL-0710-560E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0710 HP-HCPL-0710 Datasheet
286Kb / 16P
   40 ns Prop. Delay, SO-8 Optocoupler
HCPL-0710 HP-HCPL-0710 Datasheet
130Kb / 2P
   40 ns Prop. Delay, SO-8 Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0710 AVAGO-HCPL-0710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
logo
Agilent(Hewlett-Packard...
HCPL-0710 HP-HCPL-0710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0710500 HP-HCPL-0710500 Datasheet
286Kb / 16P
   40 ns Prop. Delay, SO-8 Optocoupler
More results

Similar Description - HCPL-0710-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com