Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7495ARMZ-REEL3 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7495ARMZ-REEL3
Description  1MSPS,12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7495ARMZ-REEL3 Datasheet(HTML) 5 Page - Analog Devices

  AD7495ARMZ-REEL3 Datasheet HTML 1Page - Analog Devices AD7495ARMZ-REEL3 Datasheet HTML 2Page - Analog Devices AD7495ARMZ-REEL3 Datasheet HTML 3Page - Analog Devices AD7495ARMZ-REEL3 Datasheet HTML 4Page - Analog Devices AD7495ARMZ-REEL3 Datasheet HTML 5Page - Analog Devices AD7495ARMZ-REEL3 Datasheet HTML 6Page - Analog Devices AD7495ARMZ-REEL3 Datasheet HTML 7Page - Analog Devices AD7495ARMZ-REEL3 Datasheet HTML 8Page - Analog Devices AD7495ARMZ-REEL3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7475/AD7495
Rev. B | Page 5 of 24
AD7495 SPECIFICATIONS
VDD = 2.7 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, fSCLK = 20 MHz, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
A Version1
B Version1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Signal-to-Noise and Distortion (SINAD)
68
68
dB min
fIN = 300 kHz sine wave, fSAMPLE = 1 MSPS
Total Harmonic Distortion (THD)
−75
−75
dB max
fIN = 300 kHz sine wave, fSAMPLE = 1 MSPS
Peak Harmonic or Spurious Noise
(SFDR)
−76
−76
dB max
fIN = 300 kHz sine wave, fSAMPLE = 1 MSPS
Intermodulation Distortion (IMD)
Second-Order Terms
−78
−78
dB typ
Third-Order Terms
−78
−78
dB typ
Aperture Delay
10
10
ns typ
Aperture Jitter
50
50
ps typ
Full Power Bandwidth
8.3
8.3
MHz typ
@ 3 dB
Full Power Bandwidth
1.3
1.3
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
12
12
Bits
Integral Nonlinearity
±1.5
±1
LSB max
@ 5 V (typ @ 3 V)
±0.5
±0.5
LSB typ
@ 25°C
Differential Nonlinearity
+1.5/−0.9
+1.5/−0.9
LSB max
@ 5 V guaranteed no missed codes to
12 bits (typ @ 3 V)
±0.6
±0.6
LSB typ
@ 25°C
Offset Error
±8
±8
LSB max
Typically ±2.5 LSB
Gain Error
±7
±7
LSB max
Typically ±2.5 LSB
ANALOG INPUT
Input Voltage Ranges
0 to 2.5
0 to 2.5
V
DC Leakage Current
±1
±1
μA max
Input Capacitance
20
20
pF typ
REFERENCE OUTPUT
REF OUT Output Voltage
2.4625/2.5375
2.4625/2.5375
V min/max
REF OUT Impedance
10
10
Ω typ
REF OUT Temperature Coefficient
50
50
ppm/°C typ
LOGIC INPUTS
Input High Voltage, VINH
VDRIVE − 1
VDRIVE − 1
V min
Input Low Voltage, VINL
0.4
0.4
V max
Input Current, IIN
±1
±1
μA max
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance, CIN2
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
V min
ISOURCE = 200 μA; VDD = 2.7 V to 5.25 V
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±10
±10
μA max
Floating-State Output Capacitance
10
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
800
800
ns max
16 SCLK cycles with SCLK at 20 MHz
Track-and-Hold Acquisition Time
300
300
ns max
Sine wave input
325
325
ns max
Full-scale step input
Throughput Rate
1
1
MSPS max
See the Serial Interface section


Similar Part No. - AD7495ARMZ-REEL3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7495ARMZ-REEL AD-AD7495ARMZ-REEL Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7495ARMZ-REEL7 AD-AD7495ARMZ-REEL7 Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7495ARMZ-REEL7 AD-AD7495ARMZ-REEL7 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
More results

Similar Description - AD7495ARMZ-REEL3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Analog Devices
EVAL-AD7476 AD-EVAL-AD7476 Datasheet
508Kb / 12P
   Evaluation Board for 1MSPS, 12-/ 10-Bit ADCs
REV. 0
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com