Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7827BR Datasheet(PDF) 9 Page - Analog Devices

Part # AD7827BR
Description  3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7827BR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7827BR Datasheet HTML 4Page - Analog Devices AD7827BR Datasheet HTML 5Page - Analog Devices AD7827BR Datasheet HTML 6Page - Analog Devices AD7827BR Datasheet HTML 7Page - Analog Devices AD7827BR Datasheet HTML 8Page - Analog Devices AD7827BR Datasheet HTML 9Page - Analog Devices AD7827BR Datasheet HTML 10Page - Analog Devices AD7827BR Datasheet HTML 11Page - Analog Devices AD7827BR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7827
–9–
REV. 0
OPERATING MODES
The AD7827 has two possible modes of operation depending on
the state of the
CONVST pulse at the end of a conversion.
Mode 1 Operation (High Speed Sampling)
When the AD7827 is operated in Mode 1 the device is not
powered down between conversions. This mode of operation
allows high throughput rates to be achieved. Figure 13 shows
how this optimum throughput rate is achieved by bringing
CONVST high before the end of the conversion. When operat-
ing in this mode, a new conversion should not be initiated until
30 ns after the end of a read operation. This is to allow the
track/hold to acquire the analog signal to 0.5 LSB accuracy.
Mode 2 Operation (Automatic Power-Down)
When the AD7827 is operated in Mode 2 (see Figure 14) it
automatically powers down 530 ns after the falling edge of
CONVST. The CONVST signal is brought low to initiate a
conversion and is left logic low until 530 ns has elapsed after the
falling edge of the
CONVST pulse, i.e., before Point A or Point
B in Figure 14, depending on the actual value of t
2 (see Timing
Characteristics). The state of the
CONVST signal is sampled at
this point (i.e., 530 ns after
CONVST falling edge) and the
AD7827 will power down as long as the
CONVST is low. The
ADC is powered up again on the rising edge of the
CONVST
signal. The
CONVST pulse width does not have to be as long as
the power-up time if an external reference is used (see Power-Up
Times section). Superior power performance can be achieved in
this mode of operation by powering up the AD7827 to only
carry out a conversion. The serial interface of the AD7827 is
still fully operational while the device is powered down.
t2
t1
CURRENT CONVERSION
RESULT
CONVST
RFS
SCLK
DOUT
Figure 13. Mode 1 Operation Timing Diagram
t2
CURRENT CONVERSION
RESULT
CONVST
RFS
SCLK
DOUT
tPOWER-UP
A
B
Figure 14. Mode 2 Operation Timing Diagram


Similar Part No. - AD7827BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7827BR AD-AD7827BR Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
More results

Similar Description - AD7827BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com